Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1395D Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1395D
Description  High Performance Resonant Mode Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1395D Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1395D Datasheet HTML 3Page - ON Semiconductor NCP1395D Datasheet HTML 4Page - ON Semiconductor NCP1395D Datasheet HTML 5Page - ON Semiconductor NCP1395D Datasheet HTML 6Page - ON Semiconductor NCP1395D Datasheet HTML 7Page - ON Semiconductor NCP1395D Datasheet HTML 8Page - ON Semiconductor NCP1395D Datasheet HTML 9Page - ON Semiconductor NCP1395D Datasheet HTML 10Page - ON Semiconductor NCP1395D Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NCP1395A/B
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued) (For typical values Tj = 25°C, for min/max values Tj = 0°C to +125°C,
Max TJ = 150°C, VCC = 11 V, unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
TIMERS
Timer Charge Current
6
Itimer
150
mA
Timer Duration with a 1.0
mF Capacitor and a 1.0 MW Resistor
6
T−timer
25
ms
Timer Recurrence in Permanent Fault, Same Values as Above
6
T−timerR
1.4
s
Voltage at which Pin 6 Stops Output Pulses
6
VtimerON
3.7
4.1
4.5
V
Voltage at which Pin 6 Restarts Output Pulses
6
VtimerOFF
0.9
1.0
1.1
V
Soft−Start Ending Voltage, VFB = 1.0 V
4
VSS
2.0
V
Soft−Start Charge Current
4
ISS
75
Note 5
95
115
mA
Soft−Start Duration with a 220 nF Capacitor (Note 4)
4
T−SS
5.0
ms
PROTECTION
Reference Voltage for Fast Input
13
VrefFaultF
1.0
1.05
1.1
V
Reference Voltage for Slow Input
14
VrefFaultS
0.98
1.03
1.08
V
Hysteresis for Fast Input
13
HysteFaultF
50
mV
Hysteresis for Slow Input
14
HysteFaultS
40
mV
Propagation Delay for Fast Fault Input Drive Shutdown
13
TpFault
70
120
ns
Brown−Out Input Bias Current
7
IBObias
0.02
mA
Brown−Out Level
7
VBO
0.98
1.03
1.08
V
Hysteresis Current, Vpin 7 > VBO – A Version
7
IBO_A
23
28
33
mA
Hysteresis Current, Vpin 7 > VBO – B Version
7
IBO_B
70
83
96
mA
Latching Voltage
7
Vlatch
3.7
4.1
4.5
V
Temperature Shutdown
TSD
140
°C
Hysteresis
TSDhyste
40
°C
4. The A version does not activate soft−start when the fast−fault is released, this is for skip cycle implementation. The B version does activate
the soft−start upon release of the fast−fault input.
5. Minimum current occurs at TJ = 0°C.


Similar Part No. - NCP1395D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1395 ONSEMI-NCP1395 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1395A ONSEMI-NCP1395A Datasheet
349Kb / 27P
   NCP1395A/B
September, 2008 ??Rev. 4
More results

Similar Description - NCP1395D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600EVM TI1-UCC25600EVM Datasheet
720Kb / 24P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600_15 Datasheet
3Mb / 30P
[Old version datasheet]   UCC25600 8-Pin High-Performance Resonant Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com