Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP663SQ15T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP663SQ15T1
Description  100 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP663SQ15T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP663SQ15T1 Datasheet HTML 2Page - ON Semiconductor NCP663SQ15T1 Datasheet HTML 3Page - ON Semiconductor NCP663SQ15T1 Datasheet HTML 4Page - ON Semiconductor NCP663SQ15T1 Datasheet HTML 5Page - ON Semiconductor NCP663SQ15T1 Datasheet HTML 6Page - ON Semiconductor NCP663SQ15T1 Datasheet HTML 7Page - ON Semiconductor NCP663SQ15T1 Datasheet HTML 8Page - ON Semiconductor NCP663SQ15T1 Datasheet HTML 9Page - ON Semiconductor NCP663SQ15T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP662, NCV662, NCP663, NCV663
http://onsemi.com
9
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping†
NCV662SQ15T1
1.5
LGY
NCV662SQ15T1G
1.5
LGY
NCV662SQ18T1
1.8
LGZ
NCV662SQ18T1G
1.8
LGZ
NCV662SQ25T1
2.5
LHA
NCV662SQ25T1G
2.5
LHA
NCV662SQ27T1
2.7
LHB
NCV662SQ27T1G
2.7
LHB
SC82 AB
3000 Units/
NCV662SQ28T1
2.8
LHC
SC82−AB
3000 Units/
8
″ Tape & Reel
NCV662SQ28T1G
2.8
LHC
NCV662SQ30T1
3.0
LHD
NCV662SQ30T1G
3.0
LHD
NCV662SQ33T1
3.3
LHE
NCV662SQ33T1G
3.3
LHE
NCV662SQ50T1
5.0
LHF
NCV662SQ50T1G
5.0
LHF
NCV663SQ15T1
1.5
LHG
NCV663SQ15T1G
1.5
LHG
NCV663SQ18T1
1.8
LHH
NCV663SQ18T1G
1.8
LHH
NCV663SQ25T1
2.5
LHI
NCV663SQ25T1G
2.5
LHI
NCV663SQ27T1
2.7
LHJ
NCV663SQ27T1G
2.7
LHJ
SC82−AB
3000 Units/
NCV663SQ28T1
2.8
LHK
SC82−AB
3000 Units/
8
″ Tape & Reel
NCV663SQ28T1G
2.8
LHK
NCV663SQ30T1
3.0
LHL
NCV663SQ30T1G
3.0
LHL
NCV663SQ33T1
3.3
LHM
NCV663SQ33T1G
3.3
LHM
NCV663SQ50T1
5.0
LHN
NCV663SQ50T1G
5.0
LHN
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP663SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP663SQ15T1G ONSEMI-NCP663SQ15T1G Datasheet
157Kb / 9P
   Low-Dropout Voltage Regulator
May, 2013 ??Rev. 3
More results

Similar Description - NCP663SQ15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com