Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1395BPG Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCP1395BPG
Description  High Performance Resonant Mode Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1395BPG Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCP1395BPG Datasheet HTML 18Page - ON Semiconductor NCP1395BPG Datasheet HTML 19Page - ON Semiconductor NCP1395BPG Datasheet HTML 20Page - ON Semiconductor NCP1395BPG Datasheet HTML 21Page - ON Semiconductor NCP1395BPG Datasheet HTML 22Page - ON Semiconductor NCP1395BPG Datasheet HTML 23Page - ON Semiconductor NCP1395BPG Datasheet HTML 24Page - ON Semiconductor NCP1395BPG Datasheet HTML 25Page - ON Semiconductor NCP1395BPG Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
NCP1395A/B
http://onsemi.com
22
Protection Circuitry
This resonant controller differs from competitors due to
its protection features. The device can react to various
inputs like:
Fast events input: Like an overcurrent condition, a
need to shutdown (sleep mode) or a way to force a
controlled burst mode (skip cycle at low output
power): as soon as the input level exceeds 1.0 V
typical, pulses are immediately stopped. On the
A version, when the input is released, the controller
performs a clean startup sequence without soft−start
unless the feedback voltage goes down below 0.6 V
during fault time (please see above for details). The
B version restarts with a soft−start sequence.
Slow events input: This input serves as a delayed
shutdown, where an event like a transient overload
does not immediately stopped pulses but start a timer.
If the event duration lasts longer than what the timer
imposes, then all pulses are disabled. The voltage on
the timer capacitor (pin 3) starts to decrease until it
reaches 1.0 V. The decrease rate is actually depending
on the resistor the user will put in parallel with the
capacitor, giving another flexibility during design.
Figure 48 depicts the architecture of the fault circuitry.
Vdd
Itimer
Reset
UVLO
Output
Current
Image
Rtimer
Ctimer
Ctimer
NINV
+
ON/OFF
1 = fault
0 = ok
+
Vref Fault
+ −
+
VtimerON
VtimerOFF
1 = ok
0 = fault
+
Vref Fault
+
+
Vref
Out
CC Regulation
Compensation
Slow Fault
Fast Fault
+
1 = ok
0 = fault
DRIVING
LOGIC
SS
A
A
B
B
Reset
To FB
Fast
Input
Figure 48. This Circuit Combines a Slow and Fast Input for Improved Protection Features


Similar Part No. - NCP1395BPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1395 ONSEMI-NCP1395 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1395A ONSEMI-NCP1395A Datasheet
349Kb / 27P
   NCP1395A/B
September, 2008 ??Rev. 4
More results

Similar Description - NCP1395BPG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600EVM TI1-UCC25600EVM Datasheet
720Kb / 24P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600_15 Datasheet
3Mb / 30P
[Old version datasheet]   UCC25600 8-Pin High-Performance Resonant Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com