Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1395ADR2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP1395ADR2G
Description  High Performance Resonant Mode Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1395ADR2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP1395ADR2G Datasheet HTML 11Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 12Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 13Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 14Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 15Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 16Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 17Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 18Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
NCP1395A/B
http://onsemi.com
15
Finally, Two Circuit Versions, A and B: The A and
B versions differ because of the following changes:
1. The startup thresholds are different, the A starts
to pulse for VCC = 12.8 V whereas the B pulses
for VCC = 10 V. The turn off levels are the
same, however. The A is recommended for
consumer products where the designer can use
an external startup resistor, whereas the B is
more recommended for industrial/medical
applications where a 12 V auxiliary supply
directly powers the chip.
2. The A version does not activate the soft−start
upon release of the fast fault input. This is to let
the designer implement skip cycle. To the
opposite, the B version goes back to operation
upon the fast fault pin release via a soft−start
sequence.
Voltage−Controlled Oscillator
The VCO section features a high−speed circuitry
allowing an internal operation from 100 kHz up to
2.0 MHz. However, as a division by two internally creates
the two Q and Qbar outputs, the final effective signal on
output A and B switches between 50 kHz and 1.0 MHz.
The VCO is configured in such a way that if the feedback
pin goes up, the switching frequency also goes up.
Figure 33 shows the architecture of this oscillator.
Vref
Vdd
Fmin
Rt−m sets
Fmin for V(FB) < Vfb_off
Cint
Imin
+
0 to I_Fmax
IDT
FBinternal
max
Fsw
max
+
+
Clk
D
S
Q
Q
R
AB
Vref
Vdd
Rdt sets
the deadtime
DT
Imin
Vdd
Fmax
Rt−max sets
the maximum Fsw
Vcc
FB
Rfb
20 k
+
+
Vfb < Vb_fault
start fault timer
Figure 33. Simplified VCO Architecture
Vb_fault


Similar Part No. - NCP1395ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1395A ONSEMI-NCP1395A Datasheet
349Kb / 27P
   NCP1395A/B
September, 2008 ??Rev. 4
More results

Similar Description - NCP1395ADR2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600EVM TI1-UCC25600EVM Datasheet
720Kb / 24P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600_15 Datasheet
3Mb / 30P
[Old version datasheet]   UCC25600 8-Pin High-Performance Resonant Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com