Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1395ADR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1395ADR2G
Description  High Performance Resonant Mode Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1395ADR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1395ADR2G Datasheet HTML 1Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 2Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 3Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 4Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1395ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NCP1395A/B
http://onsemi.com
5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, Pin 12
VCC
20
V
Transient Current Injected into VCC when Internal Zener is Activated –
Pulse Width < 10 ms
10
mA
Power Supply Voltage, All Pins (Except Pins 10 and 11)
−0.3 to 10
V
Thermal Resistance, Junction−to−Air, PDIP Version
RqJA
TBD
°C/W
Thermal Resistance, Junction−to−Air, SOIC Version
RqJA
TBD
°C/W
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM Model (All Pins Except VCC and HV)
2
kV
ESD Capability, Machine Model
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per Mil−Std−883, Method 3015
Machine Model Method 200 V.
2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.


Similar Part No. - NCP1395ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1395A ONSEMI-NCP1395A Datasheet
349Kb / 27P
   NCP1395A/B
September, 2008 ??Rev. 4
More results

Similar Description - NCP1395ADR2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600EVM TI1-UCC25600EVM Datasheet
720Kb / 24P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600_15 Datasheet
3Mb / 30P
[Old version datasheet]   UCC25600 8-Pin High-Performance Resonant Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com