Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1395 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP1395
Description  High Performance Resonant Mode Controller
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1395 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NCP1395A/B
http://onsemi.com
5
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, Pin 12
VCC
20
V
Transient Current Injected into VCC when Internal Zener is Activated –
Pulse Width < 10 ms
10
mA
Power Supply Voltage, All Pins (Except Pins 10 and 11)
−0.3 to 10
V
Thermal Resistance, Junction−to−Air, PDIP Version
RqJA
TBD
°C/W
Thermal Resistance, Junction−to−Air, SOIC Version
RqJA
TBD
°C/W
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM Model (All Pins Except VCC and HV)
2
kV
ESD Capability, Machine Model
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per Mil−Std−883, Method 3015
Machine Model Method 200 V.
2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn