Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1381 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP1381
Description  Low−Standby High Performance PWM Controller
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1381 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1381 Datasheet HTML 1Page - ON Semiconductor NCP1381 Datasheet HTML 2Page - ON Semiconductor NCP1381 Datasheet HTML 3Page - ON Semiconductor NCP1381 Datasheet HTML 4Page - ON Semiconductor NCP1381 Datasheet HTML 5Page - ON Semiconductor NCP1381 Datasheet HTML 6Page - ON Semiconductor NCP1381 Datasheet HTML 7Page - ON Semiconductor NCP1381 Datasheet HTML 8Page - ON Semiconductor NCP1381 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
NCP1381
http://onsemi.com
4
MAXIMUM RATINGS TABLE
Symbol
Rating
Value
Unit
Vsupply
Maximum Power Supply Voltage on Pin 10 (VCC), Pin 9 (DRV), and Pin 11 (GTS)
20
V
Maximum Current in Pin 10 (VCC)
"30
mA
Maximum Current in Pin 11 (GTS)
"20
mA
Maximum Current in Pin 9 (DRV)
"1
A
Power Supply Voltage on all Other Pins Except Pin 10 (VCC), Pin 9 (DRV), Pin 3 (DMG) and
Pin 11 (GTS)
−0.3 to 5
V
Maximum Current Into All Other Pins Except Pin 10 (VCC), Pin 9 (DRV) and Pin 11 (GTS)
"10
mA
Idem
Maximum Current in Pin 3 (DMG), When 10 V ESD Zener is Activated
+3 / −3
mA
RqJ−A
Thermal Resistance Junction−to−Air, SO−14
150
°C/W
TJMAX
Maximum Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, Human Body Model per MIL−STD−883, Method 3015 (All Pins Except Ref)
2
kV
ESD Capability, Human Body Model per MIL−STD−883, Method 3015 (Ref Pin)
1.8
kV
ESD Capability, Machine Model
200
V
NOTE:
This device contains latchup protection and exceeds 100 mA per JEDEC standard JESD78.
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, VCC = 12 V unless otherwise noted)
Symbol
Rating
Pin
Min
Typ
Max
Unit
SUPPLY SECTION
VCCON
Turn−on Threshold Level, VCC Going Up
10
13
15
17.9
V
VCCOFF
Minimum Operating Voltage After Turn−on
10
9
10
11
V
VCClatch
VCC Decreasing Level at Which the Latchoff Phase Ends
10
7
V
VCCreset
VCC Level at Which the Internal Logic Gets Reset
10
4
V
Istartup
Startup Current (VCC < VCCON)
10
2
15
mA
ICC1
Internal IC Consumption, No Output Load on Pin 9, FSW = 60 kHz
10
1.4
1.8
mA
ICC2
Internal IC Consumption, 1 nF Output Load on Pin 9, FSW = 60 kHz
10
2.1
2.6
mA
ICC3
Internal IC Consumption, Latchoff Phase
10
1.4
mA
DRIVE OUTPUT
Tr
Output Voltage Rise−Time @ CL = 1 nF, 10−90% of Output Signal
9
15
ns
Tf
Output Voltage Fall−Time @ CL = 1 nF, 10−90% of Output Signal
9
15
ns
ROH
Source Resistance
9
9
W
ROL
Sink Resistance
9
8
W
CURRENT COMPARATOR
IIB
Input Bias Current @ 1 V Input Level on Pin 7
7
0.02
mA
ILimit
Maximum Internal Current Setpoint at VBO = 0
7
0.75
0.8
0.85
V
Gm
Transconductance Amplifier Offsetting CS at VBO = 2 V
7
70
85
100
mS
TDELCS
Propagation Delay from CS Detected to Gate Turned off (Pin 9 Loaded
by 1 nF)
7
90
ns
TLEB
Leading Edge Blanking Duration
7
300
370
ns
SStart
Typical Internal Soft−start Period at Startup
2.5
4.0
6.0
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn