Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5623R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5623R
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5623R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5623R Datasheet HTML 20Page - Analog Devices AD5623R Datasheet HTML 21Page - Analog Devices AD5623R Datasheet HTML 22Page - Analog Devices AD5623R Datasheet HTML 23Page - Analog Devices AD5623R Datasheet HTML 24Page - Analog Devices AD5623R Datasheet HTML 25Page - Analog Devices AD5623R Datasheet HTML 26Page - Analog Devices AD5623R Datasheet HTML 27Page - Analog Devices AD5623R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5623R/AD5643R/AD5663R
Rev. A | Page 25 of 28
MICROPROCESSOR INTERFACING
AD5623R/AD5643R/AD5663R to Blackfin® ADSP-BF53X
Interface
Figure 56 shows a serial interface between the AD5623R/
AD5643R/AD5663R and the Blackfin ADSP-BF53X micro-
processor. The ADSP-BF53X processor family incorporates two
dual-channel synchronous serial ports, SPORT1 and SPORT0,
for serial and multiprocessor communications. Using SPORT0
to connect to the AD5623R/AD5643R/AD5663R, the setup for
the interface is as follows: DT0PRI drives the DIN pin of the
AD5623R/AD5643R/AD5663R, while TSCLK0 drives the
SCLK of the parts. The SYNC is driven from TFS0.
AD5643R/
AD5663R1
ADSP-BF53x1
SYNC
TFS0
DIN
DTOPRI
SCLK
TSCLK0
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 56. AD5623R/AD5643R/AD5663R to Blackfin ADSP-BF53X Interface
AD5623R/AD5643R/AD5663R to 68HC11/68L11
Interface
Figure 57 shows a serial interface between the AD5623R/
AD5643R/AD5663R and the 68HC11/68L11 microcontroller.
SCK of the 68HC11/68L11 drives the SCLK of the AD5623R/
AD5643R/AD5663R, and the MOSI output drives the serial
data line of the DAC.
AD5643R/
AD5663R1
68HC11/68L111
SYNC
PC7
SCLK
SCK
DIN
MOSI
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 57. AD5623R/AD5643R/AD5663R to 68HC11/68L11 Interface
The SYNC signal is derived from a port line (PC7). The setup
conditions for correct operation of this interface are as follows:
the 68HC11/68L11 is configured with its CPOL bit as 0, and its
CPHA bit as 1. When data is being transmitted to the DAC, the
SYNC line is taken low (PC7). When the 68HC11/68L11 is
configured as described previously, data appearing on the MOSI
output is valid on the falling edge of SCK. Serial data from the
68HC11/68L11 is transmitted in 8-bit bytes with only eight
falling clock edges occurring in the transmit cycle.
Data is transmitted MSB first. To load data to the AD5623R/
AD5643R/AD5663R, PC7 is left low after the first eight bits are
transferred, and a second serial write operation is performed to
the DAC. PC7 is taken high at the end of this procedure.
AD5623R/AD5643R/AD5663R to 80C51/80L51 Interface
Figure 58 shows a serial interface between the AD5623R/
AD5643R/AD5663R and the 80C51/80L51 microcontroller.
The setup for the interface is as follows: TxD of the 80C51/
80L51 drives SCLK of the AD5623R/AD5643R/AD5663R,
and RxD drives the serial data line of the part. The SYNC signal
is again derived from a bit-programmable pin on the port. In this
case, Port Line P3.3 is used. When data is to be transmitted to the
AD5623R/AD5643R/AD5663R, P3.3 is taken low. The 80C51/
80L51 transmit data in 8-bit bytes only; thus, only eight falling
clock edges occur in the transmit cycle. To load data to the
DAC, P3.3 is left low after the first eight bits are transmitted,
and a second write cycle is initiated to transmit the second byte
of data. P3.3 is taken high following the completion of this cycle.
The 80C51/80L51 output the serial data in a format that has the
LSB first. The AD5623R/AD5643R/AD5663R must receive data
with the MSB first. The 80C51/80L51 transmit routine should
take this into account.
AD5643R/
AD5663R1
80C51/80L511
SYNC
P3.3
SCLK
TxD
DIN
RxD
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 58. AD5623R/AD5643R/AD5663R to 80C512/80L51 Interface
AD5623R/AD5643R/AD5663R to MICROWIRE Interface
Figure 59 shows an interface between the AD5623R/AD5643R/
AD5663R and any MICROWIRE-compatible device. Serial data is
shifted out on the falling edge of the serial clock and is clocked into
the AD5623R/AD5643R/AD5663R on the rising edge of the SK.
AD5643R/
AD5663R1
MICROWIRE1
SYNC
CS
SCLK
SK
DIN
SO
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 59. AD5623R/AD5643R/AD5663R to MICROWIRE Interface


Similar Part No. - AD5623R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623R AD-AD5623R Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 32P
   Dual 12-/14-/16-Bit nanoDAC
AD5623RACPZ-5REEL7 AD-AD5623RACPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RACPZ-5REEL7 AD-AD5623RACPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
More results

Similar Description - AD5623R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5624R AD-AD5624R Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com