Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1337 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP1337
Description  PWM Current−Mode Controller for Free Running Quasi−Resonant Operation
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1337 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP1337
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Voltage on Pin 8 (HV) when Pin 6 (VCC) is Decoupled to Ground with 10 mF
VHV
−0.3 to 500
V
Maximum Current in Pin 8 (HV)
20
mA
Power Supply Voltage, Pin 6 (VCC) and Pin 5 (DRV)
VCCmax
−0.3 to 20
V
Maximum Current in Pin 6 (VCC)
"30
mA
Maximum Voltage on all Pins except Pin 8 (HV), Pin 6 (VCC) and Pin 5 (DRV)
−0.3 to 10
V
Maximum Current into all Pins except Pin 8 (HV), Pin 6 (VCC) and Pin 5 (DRV)
"10
mA
Maximum Current into Pin 6 (DRV) during ON Time and TBLANK
"1.0
A
Maximum Current into Pin 6 (DRV) after TBLANK during OFF Time
"15
mA
Thermal Resistance, Junction−to−Case
RqJC
57
°C/W
Thermal Resistance, Junction−to−Air, SOIC Version
RqJA
178
°C/W
Thermal Resistance, Junction−to−Air, DIP Version
RqJA
100
°C/W
Maximum Junction Temperature
TJMAX
150
°C
Operating Temperature Range
−40 to +125
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM Model per Mil−std−883, Method 3015 (All Pins except HV)
2.0
kV
ESD Capability, Machine Model
200
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
1. This device contains latchup protection and exceeds 100 mA per JEDEC standard JESD78.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn