Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1337 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP1337
Description  PWM Current−Mode Controller for Free Running Quasi−Resonant Operation
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1337 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NCP1337
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Symbol
Function
Description
1
BO
Brown−out and external
triggering
By connecting this pin to the input voltage through a resistor divider, the
controller ensures operation at a safe mains level.
If an external event brings this pin above 3.0 V, the controller’s output is
disabled.
If an external event brings this pin above 5.0 V, the controller is
permanently latched−off.
2
FB
Sets the peak current
setpoint
By connecting an optocoupler or an auxiliary winding to this pin, the peak
current setpoint is adjusted accordingly to the output power demand.
When the requested peak current setpoint is below the internal standby
level, the device enters soft ripple mode.
3
CS
Current sense input and
overpower compensation
adjustment
This pin senses the primary current and routes it to the internal comparator
via an L.E.B.
Inserting a resistor in series with the pin allows to control the overpower
compensation level.
4
GND
IC ground
5
DRV
Output driver
To be connected to an external MOSFET.
6
VCC
IC supply
Connected to a tank capacitor (and possibly an auxiliary winding).
When V
CC reaches 18.6 V, an internal OVP stops the output pulses.
8
HV
High−voltage pin
Connected to the high−voltage rail, this pin injects a constant current into
the VCC bulk capacitor and ensures a clean lossless startup sequence.
1
8
2
3
4
6
5
NCP1337
Rcomp
BO
+
Cbulk
+
VCC
VCC
+
VOUT
Figure 1. Typical Application Schematic


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn