Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1337 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1337
Description  PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1337 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1337 Datasheet HTML 1Page - ON Semiconductor NCP1337 Datasheet HTML 2Page - ON Semiconductor NCP1337 Datasheet HTML 3Page - ON Semiconductor NCP1337 Datasheet HTML 4Page - ON Semiconductor NCP1337 Datasheet HTML 5Page - ON Semiconductor NCP1337 Datasheet HTML 6Page - ON Semiconductor NCP1337 Datasheet HTML 7Page - ON Semiconductor NCP1337 Datasheet HTML 8Page - ON Semiconductor NCP1337 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP1337
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Max TJ = 150°C,
VCC = 11 V, unless otherwise noted.)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
SUPPLY SECTION
VCC Increasing Level at which the Controller Starts
6
VCCON
11
12
13
V
VCC Decreasing Level at which the Controller Stops
6
VCCMIN
9.0
10
11
V
Protection Mode is Activated if VCC reaches this Level whereas the HV
Current Source is ON
6
VCCOFF
9.0
V
VCC Decreasing Level at which the Latch−Off Phase Ends
6
VCCLATCH
3.6
5.0
6.0
V
Margin between VCC Level at which Latch Fault is Released and
VCCLATCH
VMARGIN
0.3
V
VCC Increasing Level at which the Controller Enters Protection Mode
6
VCCOVP
17.6
18.6
19.6
V
VCC Level below which HV Current Source is Reduced
6
VCCINHIB
1.5
V
Internal IC Consumption, No Output Load on Pin 5, FSW = 60 kHz
6
ICC1
1.2
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 5, FSW = 60 kHz
6
ICC2
2.0
mA
Internal IC Consumption, Latch−Off Phase, VCC = 8.0 V
6
ICC3
600
mA
Internal IC Consumption in Skip
6
ICCLOW
600
mA
INTERNAL STARTUP CURRENT SOURCE
Minimum Guaranteed Startup Voltage on HV Pin
8
VHVmin
55
V
High−Voltage Current Source when VCC > VCCINHIB
(VCC = 10.5 V, VHV = 60 V)
8
IC1
5.5
9.5
15
mA
High−Voltage Current Source when VCC < VCCINHIB
(VCC = 0 V, VHV = 60 V)
8
IC2
0.3
0.6
1.1
mA
Leakage Current Flowing when the HV Current Source is OFF
(VCC = 17 V, VHV = 500 V)
8
IHVLeak
90
mA
DRIVE OUTPUT
Output Voltage Rise−Time @ CL = 1.0 nF, 10−90% of Output Signal
5
TR
50
ns
Output Voltage Fall−Time @ CL = 1.0 nF, 10−90% of Output Signal
5
TF
20
ns
Source Resistance
5
ROH
20
W
Sink Resistance
5
ROL
8.0
W
TEMPERATURE SHUTDOWN
Temperature Shutdown
TSD
130
°C
Hysteresis on Temperature Shutdown
30
°C
CURRENT COMPARATOR
Maximum Internal Current Setpoint (@ IFB = IFB100%)
3
VCSLimit
475
500
525
mV
Minimum Internal Current Setpoint (@ IFB = IFBrippleIN)
3
VCSrippleIN
100
mV
Internal Current Setpoint for IFB = IFBrippleOUT
3
VCSrippleOUT
130
mV
Propagation Delay from Current Detection to Gate OFF State
3
TDEL
120
150
ns
Leading Edge Blanking Duration
3
TLEB
350
ns
Internal Current Offset Injected on the CS Pin during ON Time
(Over Power Compensation)
@ 1.0 V on Pin 1 and Vpin3 = 0.5 V
@ 2.0 V on Pin 1 and Vpin3 = 0.5 V
3
IOPC
35
105
mA
Maximum ON Time
5
MaxTON
52
67
82
ms


Similar Part No. - NCP1337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1337 ONSEMI-NCP1337 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1337 ONSEMI-NCP1337 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1337DR2G ONSEMI-NCP1337DR2G Datasheet
168Kb / 15P
   PWM Current-Mode Controller
December, 2014 ??Rev. 6
NCP1337PG ONSEMI-NCP1337PG Datasheet
168Kb / 15P
   PWM Current-Mode Controller
December, 2014 ??Rev. 6
NCP1337 ONSEMI-NCP1337_11 Datasheet
196Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
May, 2011 ??Rev. 5
More results

Similar Description - NCP1337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207A ONSEMI-NCP1207A_06 Datasheet
327Kb / 17P
   PWM Current?묺ode Controller for Free Running Quasi?뭃esonant Operation
October, 2006 ??Rev. 3
NCP1377 ONSEMI-NCP1377_06 Datasheet
302Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 7
NCP1308 ONSEMI-NCP1308 Datasheet
201Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
December, 2005 ??Rev. 2
NCP1378 ONSEMI-NCP1378_06 Datasheet
284Kb / 16P
   PWM Current?묺ode Controller for Free?뭃unning Quasi?뭃esonant Operation
October, 2006 ??Rev. 4
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
   PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
   PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1338 ONSEMI-NCP1338 Datasheet
221Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1338 ONSEMI-NCP1338 Datasheet
160Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
March, 2010 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_07 Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com