Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1239FDR2 Datasheet(PDF) 23 Page - ON Semiconductor

Part # NCP1239FDR2
Description  Low?뭆tandby High Performance PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239FDR2 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button NCP1239FDR2 Datasheet HTML 19Page - ON Semiconductor NCP1239FDR2 Datasheet HTML 20Page - ON Semiconductor NCP1239FDR2 Datasheet HTML 21Page - ON Semiconductor NCP1239FDR2 Datasheet HTML 22Page - ON Semiconductor NCP1239FDR2 Datasheet HTML 23Page - ON Semiconductor NCP1239FDR2 Datasheet HTML 24Page - ON Semiconductor NCP1239FDR2 Datasheet HTML 25Page - ON Semiconductor NCP1239FDR2 Datasheet HTML 26Page - ON Semiconductor NCP1239FDR2 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
NCP1239
http://onsemi.com
23
Figure 41.
Drv
100ms
< 100ms
Bunch length given by timer
Bunch length given by VccOFF
Cpin6 = 390 nF
When VCC drops faster than the timer, it prematurely interrupts the pulses flow.
The 100 ms delay could be shortened or lengthened by changing the Pin 6 capacitor.
VCCOFF
VCC
VCCON
Figure 42.
Drv
100ms
100ms
t1
t2
t3
t’1
t’2
Latch−off phase level
Logic reset level
The burst period is ensured by the VCC capacitor charge/discharge cycle
The 100 ms delay could be shortened or lengthened by changing the Pin 6 capacitor.
Cpin6=390 nF
VCCOFF
VCC
VCCON


Similar Part No. - NCP1239FDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239FD65R2G ONSEMI-NCP1239FD65R2G Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239FD65R2G ONSEMI-NCP1239FD65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239FDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
logo
Beyond Innovation Techn...
BIT3713 BITEK-BIT3713 Datasheet
493Kb / 11P
   High Performance PWM Controller
05/12/15
BIT3267 BITEK-BIT3267 Datasheet
196Kb / 8P
   High Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1469 HMSEMI-HM1469 Datasheet
1Mb / 16P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com