Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1239 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP1239
Description  Low−Standby High Performance PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1239 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
NCP1239
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = 0°C to +125°C, Vpin16 = 48 V,
VCC = 20 V unless otherwise noted.)
Symbol
Unit
Max
Typ
Min
Pin
Rating
Drive Output
Vcl
Output Voltage Positive Clamp
12
11.5
13.6
16
V
Trise
Output Voltage Rise−Time @ CL = 1 nF, 10−90% of output signal
12
40
ns
Tfall
Output Voltage Fall−Time @ CL = 1 nF, 10−90% of output signal
12
25
ns
Vsource
High State Voltage Drop @ Ipin12 = 3 mA and VCC = 12 V
12
2.5
3.3
V
Isource
Source Current Capability (@ Vpin12 = 0 V)
12
500
mA
ROL
Sink Resistance @ Vpin12 =1 V
12
3.8
7.5
W
Isink
Sink Current Capability (@ Vpin12 = 10 V)
12
800
mA
Oscillator
fsw
Recommended Switching Frequency Range
12
25
250
kHz
Vosc
Pin 4 Voltage @ Rt = 100 k
W
4
1.6
V
Kosc
Product (Switching Frequency times the Rt Pin 4 resistance) (Note 1)
@ 65 kHz and 130 kHz (NCP1239F)
@ 118 kHz and 236 kHz (NCP1239V)
6050
11000
6500
11800
6950
12600
kHz*k
W
Dfsw
Internal Modulation Swing, in percentage of fsw
±3.5
%
Dmax
Maximum Duty−Cycle
75.5
80.0
83.0
%
Current Limitation
ILimit
Maximum Internal Set−Point
10
0.84
0.90
0.95
V
TDEL_CS
Propagation Delay from Vpin10 > ILimit to gate turned off
(Pin 12 loaded by 1 nF)
10
130
220
ns
TLEB−65kHz
Leading Edge Blanking Duration (Pins 9 and 10) @ 65 kHz
(NCP1239F)
9, 10
420
ns
TLEB−130kHz
Leading Edge Blanking Duration (Pins 9 and 10) @ 130 kHz
(NCP1239F)
9, 10
230
ns
TLEB−118kHz
Leading Edge Blanking Duration (Pin 10) @ 118 kHz (NCP1239V)
10
320
ns
TLEB−236kHz
Leading Edge Blanking Duration (Pin 10) @ 236 kHz (NCP1239V)
10
170
ns
Over Power Limit (NCP1239F)
Iocp
Internal Current Source of the Over Power Limit Pin
@ 1 V on Pin 5 and Vpin9 = 0.5 V
@ 2 V on Pin 5 and Vpin9 = 0.5 V
9
60
120
80
160
100
185
mA
Vopl
Over Power Limitation Threshold
@ TJ = 25°C
@ TJ = 0°C to 125°C
9
0.48
0.47
0.50
0.50
0.52
0.52
V
TDEL_OCP
Propagation Delay from Vpin9 > Vopl to gate turned off
(Pin 12 loaded by 1 nF)
9
130
220
ns
Maximum Duty−Cycle (Dmax) Control (NCP1239V)
IDmax
Pin 9 Current Source @ Vpin9 = 1.0 V and Vpin9 = 2.0 V
9
46
55
63
mA
Dmax
Maximum Duty Cycle @ 118 kHz and Vpin9 = 1.0 V
9
20
24
29
%
KDmax
Dmax Coefficient @ 118 kHz and Vpin9 = 1.0 V (Note 2)
9
1.10
1.30
1.53
%/k
W
1. The nominal switching frequency fsw equals: fsw = KOSC/Rt. The implemented jittering makes the switching frequency continuously vary
around this nominal value (
$3.5% variation).
2. KDmax is the proportionality coefficient that links the maximum duty−cycle to the Pin 9 resistor: Dmax = KDmax*Rpin9. KDmax is defined in
the “Maximum Duty−Cycle Limitation” section of the operating description.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn