Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1239 Datasheet(PDF) 30 Page - ON Semiconductor

Part No. NCP1239
Description  Low−Standby High Performance PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1239 Datasheet(HTML) 30 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
NCP1239
http://onsemi.com
30
Figure 50. NCP1239F
An (averaged) portion of the input voltage is applied to the brown−out pin. A current source proportional to this voltage, flows through an
external resistor Rcomp to form an offset proportional to the (average) input voltage. Rcomp should be selected so that the offset compen-
sates the overcurrent sensed by the current sensing resistor Rsense.
+
CLK
to
Current Sense
Comparator
Rcomp
+
5
9
10
Current Sense
to Brown−Out
Comparator
Brown−Out
Over Power
Limit
Rramp
Rsense
Vcomp
0.5V
Vdd
Vpin5
Vin
Rbo1
Rbo2
Cbo
Vcomp = k*Rcomp*Vpin5
80
mA/V*Vpin5
S
R
Q
Q
LEB
Maximum Duty Cycle Limitation (NCP1239V)
Pin 9 sources a 55
mA current. By placing a resistor
between this pin and ground, one builds a voltage that forces
the maximum on−time. Practically the Pin 9 voltage is
compared to the positive ramp of the internal oscillator and
the power switch is allowed to be on, only when the ramp is
below Vpin9.
Then the maximum on−time is given by:
(ton)max
+
Cosc
@ Vpin9
Iosc
where Cosc and Iosc are respectively the capacitor and the
charging current of the oscillator.
Vpin9 being the product of the Pin 9 current by the Pin 9
resistance (Rpin9 – external resistor connected to Pin 9),
results in:
(ton)max
+
Cosc
@ IDmax
Iosc
@ Rpin9 , where IDmax is the
Pin 9 current source.
One can deduct the maximum duty cycle (Dmax) by
dividing by the period T:
Dmax
+
Cosc
@ IDmax
Iosc
@ T
@ Rpin9 + KDmax @ Rpin9
where KDmax +
Cosc
@ IDmax
Iosc
@ T
.
KDmax is specified within the parameters’ table. Please
note that Cosc and Iosc are the internal capacitor and current
(respectively), that set the switching period (T). Hence,
Cosc
Iosc
@ T
is a constant and KDmax is independent of the
switching frequency.
In the NCP1239F, the maximum duty−cycle is fixed (80%
typically).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn