Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1239 Datasheet(PDF) 7 Page - ON Semiconductor

Part No. NCP1239
Description  Low−Standby High Performance PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1239 Datasheet(HTML) 7 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
NCP1239
http://onsemi.com
7
Figure 3. NCP1239F Internal Circuit Architecture
+
7
S
R
Q
Q
Vcc < 4V
450mV
5V
0.5V / 0.25V
Rt
BO
REF5V
SS / timer
PFC_Vcc
Fault
detect
Skip
adjust
Vdd
/ 3
to Skip
20k
0.9V
Oscillator
GND
32k
CS
Drv
Vcc
Vdd
Regul
UVLOs
Latch
Reset
Error flag
HV
Over Power
Limit
Vdd
2.5V
Vdd
2.5V
100k
Fault
Vdd
Vdd
Soft−Start
and timer
management
Stby_detect
Error_Flag
Stby
OVL
OVL
Vcc<7V
stdwn
Vstop
Output
Buffer
BO_out
Jittering
Modulation
“Jittered”
Reference
Jittering
Modulation
CLK
CLK
0.5V
BO_in
Soft−Start
Ipk limit
Soft−Start
Ipk limit
Internal
Thermal
Shutdown
TSD
FB
Divider by 2
+
Skip
Skip
FB
Startup Phase
(Vcc<VccOFF)
1mA
Vcc
10k
Vstop
regOUT
Stby_detect
25r
15r
S
R
Q
Q
FB<Vpin1 => Skip high
FB>1.6*Vpin1 =>Stby_detect RESET
pfcOFF
pfcON
UVLO
14V
clamp
pfcON
OUTon
Ramp
Compensation
3.2V
BO_in
75
mA/V x Vpin5
LEB
LEB
+
+
16
15
14
13
+
3
1
S
R
Q
Q
6
2
+
12
11
10
5
+
S
R
Q
Q
9
+
+
+
+
8
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn