Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1215A Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP1215A
Description  Low Cost Variable OFF Time Switched Mode Power Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1215A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1215A Datasheet HTML 2Page - ON Semiconductor NCP1215A Datasheet HTML 3Page - ON Semiconductor NCP1215A Datasheet HTML 4Page - ON Semiconductor NCP1215A Datasheet HTML 5Page - ON Semiconductor NCP1215A Datasheet HTML 6Page - ON Semiconductor NCP1215A Datasheet HTML 7Page - ON Semiconductor NCP1215A Datasheet HTML 8Page - ON Semiconductor NCP1215A Datasheet HTML 9Page - ON Semiconductor NCP1215A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP1215A
http://onsemi.com
6
−25
9.9
50
9.6
25
0
9.4
TJ, JUNCTION TEMPERATURE (°C)
10.0
TJ, JUNCTION TEMPERATURE (°C)
9.5
9.7
9.8
125
40.0
Figure 9. CT Pin Source Current vs. Junction
Temperature
Figure 10. CT Pin Threshold vs. Junction
Temperature
Figure 11. Drive Sink and Source Resistance
vs. Junction Temperature
Figure 12. Current Sense Source Current vs.
Feedback Current
Ifb, FEEDBACK CURRENT (mA)
60.0
0.0
75
100
−25
50
10
25
0
6
16
8
12
14
125
75
100
−25
100
50
40
25
0
0
120
TJ, JUNCTION TEMPERATURE (°C)
20
60
80
125
75
100
50
25
0125
75
100
20.0
30.0
50.0
10.0
Rsource
Rsink
TJ = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn