Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1215A Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP1215A
Description  Low Cost Variable OFF Time Switched Mode Power Supply Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1215A Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1215A Datasheet HTML 1Page - ON Semiconductor NCP1215A Datasheet HTML 2Page - ON Semiconductor NCP1215A Datasheet HTML 3Page - ON Semiconductor NCP1215A Datasheet HTML 4Page - ON Semiconductor NCP1215A Datasheet HTML 5Page - ON Semiconductor NCP1215A Datasheet HTML 6Page - ON Semiconductor NCP1215A Datasheet HTML 7Page - ON Semiconductor NCP1215A Datasheet HTML 8Page - ON Semiconductor NCP1215A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1215A
http://onsemi.com
5
TYPICAL CHARACTERISTICS
−25
11.5
50
11.2
25
0
11.0
TJ, JUNCTION TEMPERATURE (°C)
11.6
TJ, JUNCTION TEMPERATURE (°C)
11.1
11.3
11.4
125
1.08
Figure 3. Vstartup Threshold vs. Junction
Temperature
Figure 4. VUVLO Threshold vs. Junction
Temperature
Figure 5. Operating Current Consumption vs.
Junction Temperature
Figure 6. Offset Voltage vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 7. Current Sense Source Current vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Current Sense Threshold vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
1.12
1.00
1.16
1.20
75
100
−25
8.7
50
8.4
25
0
8.2
8.8
8.3
8.5
8.6
125
75
100
−25
0.985
50
0.970
25
0
0.960
0.990
TJ, JUNCTION TEMPERATURE (°C)
0.965
0.975
0.980
125
75
100
−25
50
25
0125
75
100
1.04
1.06
1.10
1.14
1.18
1.02
−25
48.0
50
46.5
25
0
45.5
49.0
46.0
47.0
47.5
125
75
100
48.5
−25
55
50
40
25
0
30
65
35
45
50
125
75
100
60


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn