Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP600 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP600
Description  High Performance Low-Power, LDO Regulator with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP600 Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCP600
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Vin
Positive Power Supply Input
2
GND
Power Supply Ground; Device Substrate
3
ENABLE
The Enable Input places the device into low−power standby when pulled to logic low (< 0.4 V). Connect to Vin
if the function is not used.
4
ADJ/NC
Output Voltage Adjust Input (Adjustable Version), No Connection (Fixed Voltage Versions) (Note 1)
5
Vout
Regulated Output Voltage
MAXIMUM RATINGS (Voltages are with respect to device substrate.)
Rating
Symbol
Value
Unit
Voltage at Any Pin
−0.3 to 6.0
V
Output Short Circuit Duration (Note 2)
ISC
Infinite
Operating Junction Temperature
TJ(MAX)
+150
°C
Storage Temperature
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. True no connect. Printed circuit board traces are allowable.
2. Internally protected by thermal shutdown circuitry.
ATTRIBUTES
Characteristic
Value
ESD Capability
Human Body Model
Machine Model
3.5 kV
400 V
Moisture Sensitivity
MSL1/260
Package Thermal Resistance
Junction−to−Ambient, RqJA
250
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn