Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP400 Datasheet(PDF) 8 Page - ON Semiconductor

Part No. NCP400
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP400 Datasheet(HTML) 8 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP400
http://onsemi.com
8
TYPICAL CHARACTERISTICS
0
1
2
345
VIN, INPUT VOLTAGE (V)
TA = 25°C
0
1
2
3
4
5
6
7
VIN – 2.0 V
VIN – 1.5 V
VIN – 1.0 V
VIN – 0.5 V
Figure 21. Reset Output Source Current
vs. Input Voltage
0
10
203040
50
550
PCB COPPER AREA (mm2)
500
450
400
350
300
Figure 22.
qJA vs. Copper Area
1 oz Cu
2 oz Cu


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn