Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP348 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCP348
Description  Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP348 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP348
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin No.
Symbol
Function
Description
1
4
5
IN
POWER
Input Voltage Pin.
This pin is connected to the power supply.
The device system core is supplied by this input.
A 1
mF low ESR ceramic capacitor, or larger, must be connected between this pin and GND.
The three IN pins must be hardwired to common supply.
2
GND
POWER
Ground
3
FLAG
OUTPUT
Fault Indication Pin.
This pin allows an external system to detect a fault on IN pin.
The FLAG pin goes low when input voltage exceeds OVLO threshold or drop below UVLO threshold.
Since the FLAG pin is open drain functionality, an external pull up resistor to VCC must be added.
6
7
OUT
OUTPUT
Output Voltage Pin.
This pin follows IN pin when “no fault” is detected.
The output is disconnected from the Vin power supply when the input voltage is under the UVLO
threshold or above OVLO threshold.
The two OUT pins must be hardwired to common supply.
8
NC
OPEN
No Connect
9
NC
OPEN
No Connect
10
EN
INPUT
Enable Pin.
The device enters in shutdown mode when this pin is tied to a high level. In this case the output is
disconnected from the input.
To allow normal functionality, the EN pin shall be connected to GND to a pull down or to a I/O pin.
This pin does not have an impact on the fault detection.
PAD1
PAD1, under the device. See PCB recommendations page 10.
Can be shorted to GND.
PAD2
The PAD2 is electrically connected to the internal NMOS drain and connected to Pins 4 and 5.
See PCB recommendations page 10.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Minimum Voltage (IN to GND)
Vminin
−0.3
V
Minimum Voltage (All others to GND)
Vmin
−0.3
V
Maximum Voltage (IN to GND)
Vmaxin
30
V
Maximum Voltage (All others to GND)
Vmax
7.0
V
Maximum Current (UVLO<VIN<OVLO)
Imax
2.0
A
Thermal Resistance, Junction−to−Air (Note 1)
RqJA
280
°C/W
Operating Ambient Temperature Range
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Operating Temperature
TJ
150
°C
ESD Withstand Voltage (IEC 61000−4−2) (input only) when bypassed with 1.0
mF capacitor
Human Body Model (HBM), Model = 2 (Note 2)
Machine Model (MM) Model = B (Note 3)
Vesd
15 Air, 8.0 Contact
2000
200
kV
V
V
Moisture Sensitivity
MSL
Level 1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The RqJA is highly dependent on the PCB heat sink area (connected to pad 2). As example RqJA is 268 °C/W with 30 mm
2 (copper 35
mm) and
189
°C/W with 400 mm2.
2. Human Body Model, 100 pF discharged through a 1.5 k
W resistor following specification JESD22/A114.
3. Machine Model, 200 pF discharged through all pins following specification JESD22/A115.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn