Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP348 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP348
Description  Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP348 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP348
http://onsemi.com
5
TIMING DIAGRAMS
FLAG
Vout
Vin
UVLO
ton
0.3 V
tstart
1.2 V
<OVLO
Vin − (RDS(on)
I)
FLAG
Vin
EN
1.2 V
OVLO
UVLO
100 ms
FLAG
Vout
Vin
OVLO
toff
0.3 V
tstop
0.4 V
Vin − (RDS(on)
I)
FLAG
Vout
EN
1.2 V
tdis
0.3 V
Vin − (RDS(on)
I)
Figure 3. Startup
Figure 4. Shutdown on Overvoltage Detection
Figure 5. Disable on EN = 1
Figure 6. FLAG Response with EN = 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn