Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2S1205 Datasheet(PDF) 22 Page - Analog Devices

Part # AD2S1205
Description  12-Bit R/D Converter with Reference Oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 17Page - Analog Devices AD2S1205 Datasheet HTML 18Page - Analog Devices AD2S1205 Datasheet HTML 19Page - Analog Devices AD2S1205 Datasheet HTML 20Page - Analog Devices AD2S1205 Datasheet HTML 21Page - Analog Devices AD2S1205 Datasheet HTML 22Page - Analog Devices AD2S1205 Datasheet HTML 23Page - Analog Devices AD2S1205 Datasheet HTML 24Page - Analog Devices AD2S1205 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AD2S1205
Preliminary Technical Data
Rev.PrB | Page 22 of 25
OUTLINE DIMENSIONS
VIEW A
TOP VIEW
(PINS DOWN)
11
1
44
34
33
23
22
12
0.80
BSC
12.00 BSC
10.00
BSC
1.60 MAX
SEATING
PLANE
0.75
0.60
0.45
0.45
0.37
0.30
PIN 1
0.20
0.09
1.45
1.40
1.35
0.10 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
10°



3.5°


0.15
0.05
COMPLIANT TO JEDEC STANDARDS MS-026BCB
Figure 17. 44-Lead Low Profile Quad Flat Package [LQFP]
(ST-44)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Angular Accuracy
Package Description
Package Option
AD2S1205YSTZ
−40°C to +125°C
±11 arc min
44-Lead Low Profile Quad Flat Package (LQFP)
ST-44
AD2S1205WSTZ
−40°C to +125°C
±22 arc min
44-Lead Low Profile Quad Flat Package (LQFP)
ST-44


Similar Part No. - AD2S1205

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

Similar Description - AD2S1205

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com