Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD2S1205 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD2S1205
Description  12-Bit R/D Converter with Reference Oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 2Page - Analog Devices AD2S1205 Datasheet HTML 3Page - Analog Devices AD2S1205 Datasheet HTML 4Page - Analog Devices AD2S1205 Datasheet HTML 5Page - Analog Devices AD2S1205 Datasheet HTML 6Page - Analog Devices AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices AD2S1205 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AD2S1205
Preliminary Technical Data
Rev.PrB | Page 6 of 25
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VDD)
−0.3 V to +7.0 V
Supply Voltage (AVDD)
−0.3 V to + 7.0 V
Input Voltage
−0.3 V to VDD + 0.3 V
Output Voltage Swing
−0.3 V to VDD + 0.3 V
Operating Temperature Range (Ambient)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn