Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MF1053S-1 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MF1053S-1
Description  FOR DIGITAL MOBILE TELEPHONE, Rx
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MF1053S-1 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MF1053S-1
– 59 –
MF1053S-1
FOR DIGITAL MOBILE TELEPHONE, Rx
– 58 –
DESCRIPTION
This SAW filter for the receiving RF circuit of
digital mobile communication equipment
operating at 810 MHz ~ 826 MHz.
FEATURES
1. SMD package insures small size, lightweight.
2. Adjustment free.
3. Low insertion loss and high stop band
attenuation.
4. Wide and sharp passband characteristics.
5. High stability and reliability.
6. Designed for reflow solderings.
APPLICATION
• Digital mobile cellular telephone
• Portable digital cellular telephone
• Wireless equipment
DIMENSIONS ARE IN MILLIMETERS
±0.2 UNLESS OTHERWISE SPECIFIED
MAXIMUM RATINGS
ELECTRICAL PERFORMANCE
PACKAGE OUTLINE DIMENSIONS
Insertion Loss vs. Frequency
CH1 S21 log MAG
1 dB / REF 0 dB
Input VSWR vs. Frequency
Parameter
Units
MF1053S-1
PASSBAND FREQUENCY
810 – 826
PASSBAND CHARACTERISTICS
Insertion Loss
Ripple
VSWR
STOPBAND ATTENUATION
0 – 600 MHz
600 – 730 MHz
940 – 956 MHz
980 – 1090 MHz
1200 – 2500 MHz
Min
Typ
Max
1.9
dB
dBp-p
3.0
0.8
1.5
1.8
2.5
33
30
25
20
30
25
34
30
27
23
MHz
dB
dB
dB
dB
dB
1.8
GND
GND
GND
1.25
GND
Unit : mm
BOTTOM VIEW
TOP VIEW
SIDE VIEW
OUT
IN
IN
OUT
3.6
3.8
MF1053S-1 TYPICAL CHARACTERISTICS
Input Reflection Coefficient vs. Frequency
Operating Temperature Range
–20 to 75
Storage Temperature Range
–30 to 85
Input Power
50
Rating
Value
°C
°C
mW
Unit
[dB] 0
–1
–2
–3
–4
–5
CH1 S11 SWR
500 m / REF 1
3.0
2.0
1.0
Attenuation vs. Frequency
CH2 S21 log MAG
5 dB / REF 0 dB
Output VSWR vs. Frequency
[dB] 0
–10
–20
–30
Attenuation vs. Frequency
CH1 S21 log MAG
5 dB / REF 0 dB
START
.300 000 MHz
STOP
3 000.000 000 MHz
[dB] 0
–10
–20
–30
–40
CH1 S11 1 U FS
CH1 CENTER
820.000 000 MHz
SPAN
100.000 000 MHz
CH1 CENTER
820.000 000 MHz
SPAN
600.000 000 MHz
CH1 CENTER
820.000 000 MHz
SPAN
100.000 000 MHz
CENTER
820 MHz
SPAN
100.000 000 MHz
CH1 S22 SWR
500 m / REF 1
3.0
2.0
1.0
CENTER
820.000 000 MHz
SPAN
100.000 000 MHz
Output Reflection Coefficient vs. Frequency
CH1 S22 1 U FS
CH1 CENTER
820.000 000 MHz
SPAN
100.000 000 MHz
MARKER 1 : 820 MHz
MARKER 2 : 810 MHz
MARKER 3 : 830 MHz
MARKER 1 : 820 MHz
MARKER 2 : 810 MHz
MARKER 3 : 830 MHz


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MF1053S-2FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor
MF1017S-1FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor
MF1069S-1FOR DIGITAL MOBILE TELEPHONE Lo 1 Mitsubishi Electric Semiconductor
MF1017S-2FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor
MF1117V-2FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor
MF1018S-1FOR DIGITAL MOBILE TELEPHONE Tx 1 Mitsubishi Electric Semiconductor
MF1118V-2FOR DIGITAL MOBILE TELEPHONE Tx 1 Mitsubishi Electric Semiconductor
MF1018S-2FOR DIGITAL MOBILE TELEPHONE Tx 1 Mitsubishi Electric Semiconductor
MF1018S-3FOR DIGITAL MOBILE TELEPHONE Tx 1 Mitsubishi Electric Semiconductor
MF1018S-4FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn