Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95241CIMM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM95241CIMM
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95241CIMM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM95241CIMM Datasheet HTML 8Page - National Semiconductor (TI) LM95241CIMM Datasheet HTML 9Page - National Semiconductor (TI) LM95241CIMM Datasheet HTML 10Page - National Semiconductor (TI) LM95241CIMM Datasheet HTML 11Page - National Semiconductor (TI) LM95241CIMM Datasheet HTML 12Page - National Semiconductor (TI) LM95241CIMM Datasheet HTML 13Page - National Semiconductor (TI) LM95241CIMM Datasheet HTML 14Page - National Semiconductor (TI) LM95241CIMM Datasheet HTML 15Page - National Semiconductor (TI) LM95241CIMM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
1.0 Functional Description (Continued)
1.8 SERIAL INTERFACE RESET
In the event that the SMBus Master is RESET while the
LM95241 is transmitting on the SMBDAT line, the LM95241
must be returned to a known state in the communication
protocol. This may be done in one of two ways:
1.
When SMBDAT is LOW, the LM95241 SMBus state
machine resets to the SMBus idle state if either SMB-
DAT or SMBCLK are held low for more than 35ms
(t
TIMEOUT). Note that according to SMBus specification
2.0 all devices are to timeout when either the SMBCLK
or SMBDAT lines are held low for 25-35ms. Therefore, to
insure a timeout of all devices on the bus the SMBCLK
or SMBDAT lines must be held low for at least 35ms.
2.
When SMBDAT is HIGH, have the master initiate an
SMBus start. The LM95241 will respond properly to an
SMBus start condition at any point during the communi-
cation. After the start the LM95241 will expect an SMBus
Address address byte.
1.9 ONE-SHOT CONVERSION
The One-Shot register is used to initiate a single conversion
and comparison cycle when the device is in standby mode,
after which the device returns to standby. This is not a data
register and it is the write operation that causes the one-shot
conversion. The data written to this address is irrelevant and
is not stored. A zero will always be read from this register.
2.0 LM95241 Registers
Command register selects which registers will be read from or written to. Data for this register should be transmitted during the
Command Byte of the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
Command
P0-P7: Command
Register Summary
Name
Command
(Hex)
Power-On
Default Value
(Hex)
Read/Write
# of used
bits
Comments
Status Register
02h
-
RO
5
4 status bits and 1 busy bit
Configuration Register
03h
00h
R/W
5
Includes conversion rate
control
Remote Diode Filter Control
06h
05h
R/W
2
Controls thermal diode filter
setting
Remote Diode Model Type
Select
30h
01h
R/W
2
Selects the 2N3904 or Intel
processor on 65nm or 90nm
process thermal diode model
Remote Diode TruTherm
Mode Control
07h
01h
6
Enables or disables TruTherm
technology for Remote Diode
measurements
1-shot
0Fh
-
WO
-
Activates one conversion for
all 3 channels if the chip is in
standby mode (i.e.
RUN/STOP bit = 1). Data
transmitted by the host is
ignored by the LM95241.
Local Temperature MSB
10h
-
RO
8
Remote Temperature 1 MSB
11h
-
RO
8
Remote Temperature 2 MSB
12h
-
RO
8
Local Temperature LSB
20h
-
RO
2
All unused bits will report zero
Remote Temperature 1 LSB
21h
-
RO
3/5
All unused bits will report zero
Remote Temperature 2 LSB
22h
-
RO
3/5
All unused bits will report zero
Manufacturer ID
FEh
01h
RO
Revision ID
FFh
A4h
RO
www.national.com
12


Similar Part No. - LM95241CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95241CIMM-1/NOPB TI-LM95241CIMM-1/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-2/NOPB TI-LM95241CIMM-2/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM/NOPB TI-LM95241CIMM/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX-1/NOPB TI-LM95241CIMMX-1/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX-2/NOPB TI-LM95241CIMMX-2/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results

Similar Description - LM95241CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com