Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS90LV049H Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV049H
Description  High Temperature 3V LVDS Dual Line Driver and Receiver Pair
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS90LV049H Datasheet(HTML) 2 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
−0.3Vto+4V
LVCMOS Input Voltage (D
IN)
−0.3Vto(V
DD + 0.3 V)
LVDS Input Voltage (R
IN+,RIN-)
−0.3 V to +3.9 V
Enable Input Voltage (EN, EN)
−0.3Vto(V
DD + 0.3 V)
LVCMOS Output Voltage (R
OUT)
−0.3Vto(V
DD + 0.3 V)
LVDS Output Voltage
(D
OUT+,DOUT-)
−0.3 V to +3.9 V
LVCMOS Output Short Circuit
Current (R
OUT)
100 mA
LVDS Output Short Circuit
Current (D
OUT+,DOUT−)24 mA
LVDS Output Short Circuit
Current Duration(D
OUT+,DOUT−)
Continuous
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
Soldering (4 sec.)
+260˚C
Maximum Junction Temperature
+150˚C
Maximum Package Power Dissipation @ +25˚C
MTC Package
866 mW
Derate MTC Package
6.9 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
≥ 7kV
(MM, 0
Ω, 200 pF)
≥ 250 V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
DD)
+3.0
+3.3
+3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+125
˚C
Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 2, 4, 6)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
LVCMOS Input DC Specifications (Driver Inputs, ENABLE Pins)
V
IH
Input High Voltage
D
IN
EN
EN
2.0
V
DD
V
V
IL
Input Low Voltage
GND
0.8
V
I
IH
Input High Current
V
IN =VDD
−10
1
+10
µA
I
IL
Input Low Current
V
IN = GND
−10
−0.1
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.6
V
LVDS Output DC Specifications (Driver Outputs)
|V
OD |
Differential Output Voltage
R
L = 100
(Figure 1)
250
350
450
mV
∆V
OD
Change in Magnitude of V
OD for
Complementary Output States
1
35
|mV|
V
OS
Offset Voltage
1.125
1.23
1.375
V
∆V
OS
Change in Magnitude of V
OS for
Complementary Output States
1
25
|mV|
I
OS
Output Short Circuit Current
(Note 14)
ENABLED,
D
IN =VDD,DOUT+ =0Vor
D
IN = GND, DOUT− =0V
D
OUT−
D
OUT+
−5.8
−9.0
mA
I
OSD
Differential Output Short Circuit
Current (Note 14)
ENABLED, V
OD =0V
−5.8
−9.0
mA
I
OFF
Power-off Leakage
V
OUT =0Vor3.6 V
V
DD =0Vor Open
−20
±1
+20
µA
I
OZ
Output TRI-STATE Current
EN=0Vand EN=V
DD
V
OUT =0VorVDD
−10
±1
+10
µA
LVDS Input DC Specifications (Receiver Inputs)
V
TH
Differential Input High Threshold
V
CM = 1.2 V, 0.05 V, 2.35 V
−15
35
mV
V
TL
Differential Input Low Threshold
R
IN+
R
IN-
-100
−15
mV
V
CMR
Common-Mode Voltage Range
V
ID = 100 mV, VDD=3.3 V
0.05
3
V
I
IN
Input Current
V
DD=3.6 V
V
IN =0 V or 2.8 V
−12
±4
+12
µA
V
DD=0 V
V
IN =0Vor2.8Vor3.6 V
−10
±1
+10
µA
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn