Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV028AHM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV028AHM
Description  High Temperature 3V LVDS Dual Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV028AHM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV028AHM Datasheet HTML 1Page - National Semiconductor (TI) DS90LV028AHM Datasheet HTML 2Page - National Semiconductor (TI) DS90LV028AHM Datasheet HTML 3Page - National Semiconductor (TI) DS90LV028AHM Datasheet HTML 4Page - National Semiconductor (TI) DS90LV028AHM Datasheet HTML 5Page - National Semiconductor (TI) DS90LV028AHM Datasheet HTML 6Page - National Semiconductor (TI) DS90LV028AHM Datasheet HTML 7Page - National Semiconductor (TI) DS90LV028AHM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS90LV028AH
High Temperature 3V LVDS Dual Differential Line
Receiver
General Description
The DS90LV028AH is a dual CMOS differential line receiver
designed for applications requiring ultra low power dissipa-
tion, low noise and high data rates. The device is designed to
support data rates in excess of 400 Mbps (200 MHz) utilizing
Low Voltage Differential Signaling (LVDS) technology.
The DS90LV028AH accepts low voltage (350 mV typical)
differential input signals and translates them to 3V CMOS
output levels. The DS90LV028AH has a flow-through design
for easy PCB layout.
The DS90LV028AH and companion LVDS line driver
DS90LV027AH provide a new alternative to high power
PECL/ECL devices for high speed point-to-point interface
applications.
Features
n
-40˚C to +125˚C operating temperature range
n >
400 Mbps (200 MHz) switching rates
n
50 ps differential skew (typical)
n
0.1 ns channel-to-channel skew (typical)
n
2.5 ns maximum propagation delay
n
3.3V power supply design
n
Flow-through pinout
n
Power down high impedance on LVDS inputs
n
Low Power design (18mW @ 3.3V static)
n
LVDS inputs accept LVDS/CML/LVPECL signals
n
Conforms to ANSI/TIA/EIA-644 Standard
n
Available in SOIC package
Connection Diagram
SOIC
20162901
Order Number DS90LV028AHM
See NS Package Number M08A
Functional Diagram
20162902
Truth Table
INPUTS
OUTPUT
[R
IN+]−[RIN−]
R
OUT
V
ID
≥ 0.1V
H
V
ID
≤ −0.1V
L
September 2005
© 2005 National Semiconductor Corporation
DS201629
www.national.com


Similar Part No. - DS90LV028AHM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AHM/NOPB TI1-DS90LV028AHM/NOPB Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
DS90LV028AHMX/NOPB TI1-DS90LV028AHMX/NOPB Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
More results

Similar Description - DS90LV028AHM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH_13 Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
DS90LT012AH TI1-DS90LT012AH_15 Datasheet
779Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AH NSC-DS90LT012AH Datasheet
500Kb / 7P
   High Temperature 3V LVDS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com