Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV028AH Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV028AH
Description  High Temperature 3V LVDS Dual Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV028AH Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90LV028AH Datasheet HTML 1Page - National Semiconductor (TI) DS90LV028AH Datasheet HTML 2Page - National Semiconductor (TI) DS90LV028AH Datasheet HTML 3Page - National Semiconductor (TI) DS90LV028AH Datasheet HTML 4Page - National Semiconductor (TI) DS90LV028AH Datasheet HTML 5Page - National Semiconductor (TI) DS90LV028AH Datasheet HTML 6Page - National Semiconductor (TI) DS90LV028AH Datasheet HTML 7Page - National Semiconductor (TI) DS90LV028AH Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pin Descriptions
Pin No.
Name
Description
1, 4
R
IN-
Inverting receiver input pin
2, 3
R
IN+
Non-inverting receiver input pin
6, 7
R
OUT
Receiver output pin
8V
CC
Power supply pin, +3.3V ± 0.3V
5
GND
Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +125˚C
SOP/M08A
DS90LV028AHM
Typical Performance Curves
Output High Voltage vs
Power Supply Voltage
Output Low Voltage vs
Power Supply Voltage
20162907
20162908
Output Short Circuit Current vs
Power Supply Voltage
Differential Transition Voltage vs
Power Supply Voltage
20162909
20162910
www.national.com
5


Similar Part No. - DS90LV028AH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
DS90LV028AHM/NOPB TI1-DS90LV028AHM/NOPB Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
DS90LV028AHMX/NOPB TI1-DS90LV028AHMX/NOPB Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
DS90LV028AH TI1-DS90LV028AH_13 Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
More results

Similar Description - DS90LV028AH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV028AH TI1-DS90LV028AH_13 Datasheet
974Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Dual Differential Line Receiver
DS90LT012AH TI1-DS90LT012AH_15 Datasheet
779Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AH NSC-DS90LT012AH Datasheet
500Kb / 7P
   High Temperature 3V LVDS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV028ATMX TI-DS90LV028ATMX Datasheet
1Mb / 18P
[Old version datasheet]   DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com