Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848J Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848J
Description  PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848J Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button DP83848J Datasheet HTML 50Page - National Semiconductor (TI) DP83848J Datasheet HTML 51Page - National Semiconductor (TI) DP83848J Datasheet HTML 52Page - National Semiconductor (TI) DP83848J Datasheet HTML 53Page - National Semiconductor (TI) DP83848J Datasheet HTML 54Page - National Semiconductor (TI) DP83848J Datasheet HTML 55Page - National Semiconductor (TI) DP83848J Datasheet HTML 56Page - National Semiconductor (TI) DP83848J Datasheet HTML 57Page - National Semiconductor (TI) DP83848J Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
www.national.com
54
8.0 Electrical Specifications
Note: All parameters are guaranteed by test, statistical analysis or design.
Absolute Maximum Ratings
Recommended Operating Conditions
Absolute maximum ratings are those values beyond which
the safety of the device cannot be guaranteed. They are
not meant to imply that the device should be operated at
these limits.
8.1 DC SPECS
Supply Voltage (VCC)
-0.5 V to 4.2 V
DC Input Voltage (VIN)-0.5V to VCC + 0.5V
DC Output Voltage (VOUT)-0.5V to VCC + 0.5V
Storage Temperature (TSTG)
-65oC to 150°C
Max case temp
147.7 °C
Max. die temperature (Tj)
150 °C
Lead Temp. (TL)
(Soldering, 10 sec.)
260 °C
ESD Rating
(RZAP = 1.5k, CZAP = 120 pF)
4.0 kV
Supply voltage (VCC)3.3 Volts + .3V
Commercial- Ambient Temperature (TA)0 to 70°C
Power Dissipation (PD)
264 mW
Thermal Characteristic
Max
Units
Theta Junction to Case (Tjc)
8.8
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0W
Note: This is done with a JEDEC (2 layer 2 oz CU.) thermal test board
31.7
°C / W
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
VIH
I
I/O
Input High Voltage Nominal VCC
2.0
V
VIL
I
I/O
Input Low Voltage
0.8
V
IIH
I
I/O
Input High Current VIN = VCC
10
µA
IIL
I
I/O
Input Low Current VIN = GND
10
µA
VOL
O,
I/O
Output Low
Voltage
IOL = 4 mA
0.4
V
VOH
O,
I/O
Output High
Voltage
IOH = -4 mA
Vcc - 0.5
V
VledOL
LED
Output Low
Voltage
IOL = 2.5 mA
0.4
V
VledOH
LED
Output High
Voltage
IOH = -2.5 mA
Vcc - 0.5
V
IOZ
I/O,
O
TRI-STATE
Leakage
VOUT = VCC
+ 10
µA
VTPTD_100
PMD Output
Pair
100M Transmit
Voltage
0.95
1
1.05
V
VTPTDsym
PMD Output
Pair
100M Transmit
Voltage Symmetry
+ 2
%
VTPTD_10
PMD Output
Pair
10M Transmit
Voltage
2.2
2.5
2.8
V


Similar Part No. - DP83848J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848J NSC-DP83848J Datasheet
912Kb / 72P
   PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848J NSC-DP83848J Datasheet
1,015Kb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848J TI-DP83848J Datasheet
705Kb / 80P
[Old version datasheet]   DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
DP83848J TI1-DP83848J Datasheet
705Kb / 81P
[Old version datasheet]   PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
More results

Similar Description - DP83848J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848J NSC-DP83848J_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J_07 Datasheet
1,015Kb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M Datasheet
912Kb / 72P
   PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848K NSC-DP83848K_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M_08 Datasheet
1Mb / 80P
   PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848H NSC-DP83848H Datasheet
880Kb / 72P
   PHYTER짰 Mini - Extreme Temperature Single 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T_08 Datasheet
1Mb / 81P
   PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848J TI1-DP83848J_14 Datasheet
705Kb / 81P
[Old version datasheet]   PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
DP83848K TI1-DP83848K_14 Datasheet
712Kb / 81P
[Old version datasheet]   PHYTER Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
logo
National Semiconductor ...
DP83848C NSC-DP83848C_08 Datasheet
2Mb / 84P
   PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com