Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848J Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848J
Description  PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848J Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83848J Datasheet HTML 19Page - National Semiconductor (TI) DP83848J Datasheet HTML 20Page - National Semiconductor (TI) DP83848J Datasheet HTML 21Page - National Semiconductor (TI) DP83848J Datasheet HTML 22Page - National Semiconductor (TI) DP83848J Datasheet HTML 23Page - National Semiconductor (TI) DP83848J Datasheet HTML 24Page - National Semiconductor (TI) DP83848J Datasheet HTML 25Page - National Semiconductor (TI) DP83848J Datasheet HTML 26Page - National Semiconductor (TI) DP83848J Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
23
www.national.com
4.1.1 Code-group Encoding and Injection
The code-group encoder converts 4-bit (4B) nibble data
generated by the MAC into 5-bit (5B) code-groups for
transmission. This conversion is required to allow control
data to be combined with packet data code-groups. Refer
to Table 5. for 4B to 5B code-group mapping details.
The code-group encoder substitutes the first 8-bits of the
MAC preamble with a J/K code-group pair (11000 10001)
upon transmission. The code-group encoder continues to
replace subsequent 4B preamble and data nibbles with
corresponding 5B code-groups. At the end of the transmit
packet, upon the deassertion of Transmit Enable signal
from the MAC, the code-group encoder injects the T/R
code-group pair (01101 00111) indicating the end of the
frame.
After the T/R code-group pair, the code-group encoder
continuously injects IDLEs into the transmit data stream
until the next transmit packet is detected (reassertion of
Transmit Enable).
4.1.2 Scrambler
The scrambler is required to control the radiated emissions
at the media connector and on the twisted pair cable (for
100BASE-TX applications). By scrambling the data, the
total energy launched onto the cable is randomly distrib-
uted over a wide frequency range. Without the scrambler,
energy levels at the PMD and on the cable could peak
beyond FCC limitations at frequencies related to repeating
5B sequences (i.e., continuous transmission of IDLEs).
The scrambler is configured as a closed loop linear feed-
back shift register (LFSR) with an 11-bit polynomial. The
output of the closed loop LFSR is X-ORd with the serial
NRZ data from the code-group encoder. The result is a
scrambled data stream with sufficient randomization to
decrease radiated emissions at certain frequencies by as
much as 20 dB. The DP83848J uses the PHY_ID (pins
PHYAD [4:0]) to set a unique seed value.
4.1.3 NRZ to NRZI Encoder
After the transmit data stream has been serialized and
scrambled, the data must be NRZI encoded in order to
comply with the TP-PMD standard for 100BASE-TX trans-
mission over Category-5 Unshielded twisted pair cable.
4.1.4 Binary to MLT-3 Convertor
The Binary to MLT-3 conversion is accomplished by con-
verting the serial binary data stream output from the NRZI
encoder into two binary data streams with alternately
phased logic one events. These two binary streams are
then fed to the twisted pair output driver which converts the
voltage to current and alternately drives either side of the
transmit transformer primary winding, resulting in a MLT-3
signal.
The 100BASE-TX MLT-3 signal sourced by the PMD Out-
put Pair common driver is slew rate controlled. This should
be considered when selecting AC coupling magnetics to
ensure TP-PMD Standard compliant transition times (3 ns
< Tr < 5 ns).
The 100BASE-TX transmit TP-PMD function within the
DP83848J is capable of sourcing only MLT-3 encoded
data. Binary output from the PMD Output Pair is not possi-
ble in 100 Mb/s mode.
4.2 100BASE-TX RECEIVER
The 100BASE-TX receiver consists of several functional
blocks which convert the scrambled MLT-3 125 Mb/s serial
data stream to synchronous 4-bit nibble data that is pro-
vided to the MII. Because the 100BASE-TX TP-PMD is
integrated, the differential input pins, RD
±, can be directly
routed from the AC coupling magnetics.
See Figure 7 for a block diagram of the 100BASE-TX
receive function. This provides an overview of each func-
tional block within the 100BASE-TX receive section.
The Receive section consists of the following functional
blocks:
— Analog Front End
— Digital Signal Processor
— Signal Detect
— MLT-3 to Binary Decoder
— NRZI to NRZ Decoder
— Serial to Parallel
— Descrambler
— Code Group Alignment
—4B/5B Decoder
— Link Integrity Monitor
— Bad SSD Detection
4.2.1 Analog Front End
In addition to the Digital Equalization and Gain Control, the
DP83848J includes Analog Equalization and Gain Control
in the Analog Front End. The Analog Equalization reduces
the amount of Digital Equalization required in the DSP.
4.2.2 Digital Signal Processor
The Digital Signal Processor includes Adaptive Equaliza-
tion with Gain Control and Base Line Wander Compensa-
tion.


Similar Part No. - DP83848J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848J NSC-DP83848J Datasheet
912Kb / 72P
   PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848J NSC-DP83848J Datasheet
1,015Kb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848J TI-DP83848J Datasheet
705Kb / 80P
[Old version datasheet]   DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
DP83848J TI1-DP83848J Datasheet
705Kb / 81P
[Old version datasheet]   PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
More results

Similar Description - DP83848J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848J NSC-DP83848J_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J_07 Datasheet
1,015Kb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M Datasheet
912Kb / 72P
   PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848K NSC-DP83848K_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M_08 Datasheet
1Mb / 80P
   PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848H NSC-DP83848H Datasheet
880Kb / 72P
   PHYTER짰 Mini - Extreme Temperature Single 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T_08 Datasheet
1Mb / 81P
   PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848J TI1-DP83848J_14 Datasheet
705Kb / 81P
[Old version datasheet]   PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
DP83848K TI1-DP83848K_14 Datasheet
712Kb / 81P
[Old version datasheet]   PHYTER Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
logo
National Semiconductor ...
DP83848C NSC-DP83848C_08 Datasheet
2Mb / 84P
   PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com