Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848H Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848H
Description  PHYTER짰 Mini - Extreme Temperature Single 10/100 Ethernet Transceiver
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848H Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83848H Datasheet HTML 43Page - National Semiconductor (TI) DP83848H Datasheet HTML 44Page - National Semiconductor (TI) DP83848H Datasheet HTML 45Page - National Semiconductor (TI) DP83848H Datasheet HTML 46Page - National Semiconductor (TI) DP83848H Datasheet HTML 47Page - National Semiconductor (TI) DP83848H Datasheet HTML 48Page - National Semiconductor (TI) DP83848H Datasheet HTML 49Page - National Semiconductor (TI) DP83848H Datasheet HTML 50Page - National Semiconductor (TI) DP83848H Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
47
www.national.com
7.2.2 False Carrier Sense Counter Register (FCSCR)
This counter provides information required to implement the “False Carriers” attribute within the MAU managed object
class of Clause 30 of the IEEE 802.3u specification.
7.2.3 Receiver Error Counter Register (RECR)
This counter provides information required to implement the “Symbol Error During Carrier” attribute within the PHY man-
aged object class of Clause 30 of the IEEE 802.3u specification.
Table 20. False Carrier Sense Counter Register (FCSCR), address 0x14
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
7:0
FCSCNT[7:0]
0, RO / COR
False Carrier Event Counter:
This 8-bit counter increments on every false carrier event. This
counter sticks when it reaches its max count (FFh).
Table 21. Receiver Error Counter Register (RECR), address 0x15
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
7:0
RXERCNT[7:0]
0, RO / COR
RX_ER Counter:
When a valid carrier is present and there is at least one occurrence
of an invalid data symbol, this 8-bit counter increments for each re-
ceive error detected. This event can increment only once per valid
carrier event. If a collision is present, the attribute will not incre-
ment. The counter sticks when it reaches its max count.


Similar Part No. - DP83848H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848H NSC-DP83848H Datasheet
1,022Kb / 78P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
DP83848H NSC-DP83848H Datasheet
1Mb / 80P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848H TI1-DP83848H Datasheet
715Kb / 82P
[Old version datasheet]   DP83848H PHYTER Mini-Extreme Temperature Single 10/100 Ethernet Transceiver
DP83848H TI1-DP83848H Datasheet
2Mb / 84P
[Old version datasheet]   MII Serial Management Interface
DP83848HSQ TI1-DP83848HSQ Datasheet
715Kb / 82P
[Old version datasheet]   DP83848H PHYTER Mini-Extreme Temperature Single 10/100 Ethernet Transceiver
More results

Similar Description - DP83848H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848H NSC-DP83848H_08 Datasheet
1Mb / 80P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M_08 Datasheet
1Mb / 80P
   PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T_08 Datasheet
1Mb / 81P
   PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
DP83848H NSC-DP83848H_07 Datasheet
1,022Kb / 78P
   DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
DP83848M NSC-DP83848M Datasheet
912Kb / 72P
   PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848J NSC-DP83848J_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848K NSC-DP83848K_08 Datasheet
1Mb / 78P
   PHYTER짰 Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J Datasheet
872Kb / 72P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J_07 Datasheet
1,015Kb / 78P
   PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848YB NSC-DP83848YB_08 Datasheet
3Mb / 84P
   PHYTER짰 - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com