Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC7025 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUC7025
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7025 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUC7025 Datasheet HTML 7Page - Analog Devices ADUC7025 Datasheet HTML 8Page - Analog Devices ADUC7025 Datasheet HTML 9Page - Analog Devices ADUC7025 Datasheet HTML 10Page - Analog Devices ADUC7025 Datasheet HTML 11Page - Analog Devices ADUC7025 Datasheet HTML 12Page - Analog Devices ADUC7025 Datasheet HTML 13Page - Analog Devices ADUC7025 Datasheet HTML 14Page - Analog Devices ADUC7025 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 11 of 92
Table 4. I2C Timing in Fast Mode (400 kHz)
Slave
Parameter
Description
Min
Max
Master Typ
Unit
tL
SCLOCK low pulse width1
200
1360
ns
tH
SCLOCK high pulse width1
100
1140
ns
tSHD
Start condition hold time
300
251350
ns
tDSU
Data setup time
100
740
ns
tDHD
Data hold time
50
400
ns
tRSU
Setup time for repeated start
100
12.51350
ns
tPSU
Stop condition setup time
100
400
ns
tBUF
Bus-free time between a stop condition and a start condition
1.3
μs
tR
Rise time for both CLOCK and SDATA
100
300
200
ns
tF
Fall time for both CLOCK and SDATA
60
100
20
ns
tSUP
Pulse width of spike suppressed
50
ns
1 tHCLK depends on the clock divider or CD bits in PLLCON MMR. tHCLK = tUCLK/2CD.
SDATA (I/O)
tBUF
MSB
LSB
ACK
MSB
1
9
8
2–7
1
SCLK (I)
PS
STOP
CONDITION
START
CONDITION
S(R)
REPEATED
START
tSUP
tR
tF
tF
tR
tH
tL
tSUP
tDSU
tDHD
tRSU
tDHD
tDSU
tSHD
tPSU
Figure 5. I2C Compatible Interface Timing


Similar Part No. - ADUC7025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7025BCP32 AD-ADUC7025BCP32 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
ADUC7025BCP32 AD-ADUC7025BCP32 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7025BCP62 AD-ADUC7025BCP62 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
ADUC7025BCP62 AD-ADUC7025BCP62 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADuC7025BCPZ32 AD-ADuC7025BCPZ32 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results

Similar Description - ADUC7025

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com