Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2206UK Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2206UK
Description  16-Bit, 105Msps/80Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2206UK Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2206UK Datasheet HTML 4Page - Linear Technology LTC2206UK Datasheet HTML 5Page - Linear Technology LTC2206UK Datasheet HTML 6Page - Linear Technology LTC2206UK Datasheet HTML 7Page - Linear Technology LTC2206UK Datasheet HTML 8Page - Linear Technology LTC2206UK Datasheet HTML 9Page - Linear Technology LTC2206UK Datasheet HTML 10Page - Linear Technology LTC2206UK Datasheet HTML 11Page - Linear Technology LTC2206UK Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2207/LTC2206
8
22076fa
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G10
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G11
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G12
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G13
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G14
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G15
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
INPUT LEVEL (dBFS)
–70
0
20
40
60
70
50
30
10
140
130
110
100
–60
–40
–30
0
120
80
90
–50
–20
–10
22076 G16
INPUT LEVEL (dBFS)
–70
0
20
40
60
70
50
30
10
140
130
110
100
–60
–40
–30
0
120
80
90
–50
–20
–10
22076 G17
FREQUENCY (MHz)
0
–70
–30
0
40
22076 G18
–90
–110
–80
–50
–10
–20
–40
–60
–100
–120
–130
10
20
30
50
LTC2207: 64K Point 2-Tone FFT,
fIN = 14.8MHz and 18.6MHz,
–15dBFS, PGA = 0, 105Msps
LTC2207: 64K FFT,
fIN = 70.1MHz, –1dBFS,
PGA = 0, 105Msps
LTC2207: 64K Point FFT,
fIN = 70.1MHz, –1dBFS,
PGA = 1, 105Msps
LTC2207: 128K Point FFT,
fIN = 70.1MHz, –20dBFS,
PGA = 0, 105Msps
LTC2207: 128K Point FFT,
fIN = 70.1MHz, –20dBFS,
PGA = 0, Dither “On”, 105Msps
LTC2207: 64K Point FFT,
fIN = 140.2MHz, –1dBFS,
PGA = 1, 105Msps
LTC2207: SFDR vs Input Level,
fIN = 140MHz, PGA = 1,
Dither “Off”, 105Msps
LTC2207: SFDR vs Input Level,
fIN = 140MHz, PGA = 1,
Dither “On”, 105Msps
LTC2207: 64K Point FFT,
fIN = 170.2MHz, –1dBFS,
PGA = 0, 105Msps
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2206UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206UK-14 LINER-LTC2206UK-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
More results

Similar Description - LTC2206UK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2206 LINER-LTC2206_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2207 LINER-LTC2207_15 Datasheet
1Mb / 32P
   16-Bit, 105Msps/80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2232 LINER-LTC2232_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2206-14 LINER-LTC2206-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2207-14 LINER-LTC2207-14_15 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2233 LINER-LTC2233_15 Datasheet
849Kb / 28P
   10-Bit,105Msps/ 80Msps ADCs
LTC2207-14 LINER-LTC2207-14 Datasheet
1Mb / 32P
   14-Bit, 105Msps/80Msps ADCs
LTC2232 LINER-LTC2232 Datasheet
844Kb / 28P
   10-Bit,105Msps/80Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com