Electronic Components Datasheet Search |
|
LTC2208UP Datasheet(PDF) 5 Page - Linear Technology |
|
LTC2208UP Datasheet(HTML) 5 Page - Linear Technology |
5 / 32 page LTC2208 5 2208fa CO O ODE BIAS CHARACTERISTICS PARAMETER CONDITIONS MIN TYP MAX UNITS VCM Output Voltage IOUT = 0 1.15 1.25 1.35 V VCM Output Tempco IOUT = 0 +40 ppm/°C VCM Line Regulation 3.135V ≤ VDD ≤ 3.465V 1 mV/ V VCM Output Resistance 1mA ≤ | IOUT | ≤ 1mA 2 Ω The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4) The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4) DIGITAL I PUTS A D DIGITAL OUTPUTS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS ENCODE INPUTS (ENC+, ENC–) VID Differential Input Voltage (Note 7) ● 0.2 V VICM Common Mode Input Voltage Internally Set 1.6 V Externally Set (Note 7) 1.2 3.0 V RIN Input Resistance (See Figure 2) 6 k Ω CIN Input Capacitance (Note 7) 3 pF LOGIC INPUTS (DITH, PGA, SHDN, RAND) VIH High Level Input Voltage VDD = 3.3V ● 2 V VIL Low Level Input Voltage VDD = 3.3V ● 0.8 V IIN Digital Input Current VIN = 0V to VDD ● ±10 µA CIN Digital Input Capacitance (Note 7) 1.5 pF LOGIC OUTPUTS (CMOS MODE) OVDD = 3.3V VOH High Level Output Voltage VDD = 3.3V IO = –10µA 3.299 V IO = –200µA ● 3.1 3.29 V VOL Low Level Output Voltage VDD = 3.3V IO = 160µA 0.01 V IO = 1.6mA ● 0.10 0.4 V ISOURCE Output Source Current VOUT = 0V – 50 mA ISINK Output Sink Current VOUT = 3.3V 50 mA OVDD = 2.5V VOH High Level Output Voltage VDD = 3.3V IO = –200µA 2.49 V VOL Low Level Output Voltage VDD = 3.3V IO = 1.60mA 0.1 V OVDD = 1.8V VOH High Level Output Voltage VDD = 3.3V IO = –200µA 1.79 V VOL Low Level Output Voltage VDD = 3.3V IO = 1.60mA 0.1 V LOGIC OUTPUTS (LVDS MODE) STANDARD LVDS VOD Differential Output Voltage 100Ω Differential Load ● 247 350 454 mV VOS Output Common Mode Voltage 100Ω Differential Load ● 1.125 1.2 1.375 V LOW POWER LVDS VOD Differential Ouptut Voltage 100Ω Differential Load ● 125 175 250 mV VOS Output Common Mode Voltage 100Ω Differential Load ● 1.125 1.2 1.375 V |
Similar Part No. - LTC2208UP |
|
Similar Description - LTC2208UP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |