Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LH28F640BFHG-PBTLZ7 Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. LH28F640BFHG-PBTLZ7
Description  64M (x16) Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

LH28F640BFHG-PBTLZ7 Datasheet(HTML) 5 Page - Sharp Electrionic Components

 
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LHF64FD5
3
A8
WP#
A18
WE# RST#
A21
DQ11
DQ12
DQ6
DQ13 DQ4
VCC
F
E
D
C
B
VPP
A19
A6
A9
DQ2
DQ5
DQ3
A4
A7
A17
A2
A1
CE#
DQ8
DQ0
DQ9
GND
OE#
DQ10
A5
A3
A0
DQ1
A20
A
0.75mm pitch
48-BALL CSP
PINOUT
8mm x 11mm
TOP VIEW
A13
A14
A10
A12
DQ14
DQ15
VCCQ
GND
DQ7
H
G
A11
A15
A16
1
2
3
4
5
6
Figure 1. 0.75mm pitch 48-Ball CSP (8mm
×11mm) Pinout
Rev. 2.44


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EZ80F920020MODFlash Module 1 2 3 4 Zilog, Inc.
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SN74ALS229B16 × 5 ASYNCHRONOUS FIRST-IN FIRST-OUT MEMORY 1 2 3 4 5 MoreTexas Instruments
HSTL169189-bit to 18-bit HSTL-to-LVTTL memory address latch 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn