Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F640BFHG-PBTLZ7 Datasheet(PDF) 36 Page - Sharp Corporation

Part # LH28F640BFHG-PBTLZ7
Description  64M (x16) Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F640BFHG-PBTLZ7 Datasheet(HTML) 36 Page - Sharp Corporation

Back Button LH28F640BFHG-PBTLZ7 Datasheet HTML 28Page - Sharp Corporation LH28F640BFHG-PBTLZ7 Datasheet HTML 29Page - Sharp Corporation LH28F640BFHG-PBTLZ7 Datasheet HTML 30Page - Sharp Corporation LH28F640BFHG-PBTLZ7 Datasheet HTML 31Page - Sharp Corporation LH28F640BFHG-PBTLZ7 Datasheet HTML 32Page - Sharp Corporation LH28F640BFHG-PBTLZ7 Datasheet HTML 33Page - Sharp Corporation LH28F640BFHG-PBTLZ7 Datasheet HTML 34Page - Sharp Corporation LH28F640BFHG-PBTLZ7 Datasheet HTML 35Page - Sharp Corporation LH28F640BFHG-PBTLZ7 Datasheet HTML 36Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
v
A-3 STATUS REGISTER READ OPERATIONS
If AC timing for reading the status register described in specifications is not satisfied, a system processor can check the
status register bit SR.15 instead of SR.7 to determine when the erase or program operation has been completed.
Figure A-3-1. Example of Checking the Status Register
(In this example, the device contains four partitions.)
Table A-3-1. Status Register Definition (SR.15 and SR.7)
SR.15 = WRITE STATE MACHINE STATUS: (DQ15)
1 = Ready in All Partitions
0 = Busy in Any Partition
SR.7 = WRITE STATE MACHINE STATUS
FOR EACH PARTITION: (DQ7)
1 = Ready in the Addressed Partition
0 = Busy in the Addressed Partition
NOTES:
SR.15 indicates the status of WSM (Write State
Machine). If SR.15="0", erase or program operation is in
progress in any partition.
SR.7 indicates the status of the partition. If SR.7="0",
erase or program operation is in progress in the addressed
partition. Even if the SR.7 is "1", the WSM may be
occupied by the other partition.
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
(D/Q)
(W)
(E)
(A)
Address
DQ15-0
CE#
WE#
VALID ADDRESS
within PARTITION 0
VALID
COMMAND
"1"
"0"
(R)
SR.15
( Partition 0 )
"1"
"0"
(R)
SR.7
( Partition 0 )
"1"
"0"
(R)
SR.15
( Partition 1 )
"1"
"0"
(R)
SR.7
( Partition 1 )
"1"
"0"
(R)
SR.15
( Partition 2 )
"1"
"0"
(R)
SR.7
( Partition 2 )
"1"
"0"
(R)
SR.15
( Partition 3 )
"1"
"0"
(R)
SR.7
( Partition 3 )
PARTITION0
PARTITION1
PARTITION2
PARTITION3
Operation to Partition 0
tWHR0 (tEHR0)
VALID ADDRESS
within PARTITION 2
VALID
COMMAND
Operation to Partition 2
tWHR0 (tEHR0)
Check SR.15 instead of
SR.7 in Partition 0
Check SR.15 instead of
SR.7 in Partition 2
021211


Similar Part No. - LH28F640BFHG-PBTLZ7

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F640SP SHARP-LH28F640SP Datasheet
1Mb / 45P
   64Mbit (4Mbitx16/8Mbitx8) Page Flash Memory
LH28F640SPHT-PTL12 SHARP-LH28F640SPHT-PTL12 Datasheet
1Mb / 45P
   64Mbit (4Mbitx16/8Mbitx8) Page Flash Memory
More results

Similar Description - LH28F640BFHG-PBTLZ7

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
   64M (X16) FLASH MEMORY 8M (X16) SRAM
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
   64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
Sharp Corporation
LRS1805A SHARP-LRS1805A Datasheet
1Mb / 57P
   Stacked Chip 64M (x16) Flash Memory 16M (x16) Smartcombo RAM
LRS1387 SHARP-LRS1387 Datasheet
3Mb / 43P
   64M (X16) FLASH 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com