Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM200WLS12-A000 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DIM200WLS12-A000
Description  IGBT Chopper Module - Lower Arm Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM200WLS12-A000 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DIM200WLS12-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM200WLS12-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM200WLS12-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM200WLS12-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM200WLS12-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM200WLS12-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM200WLS12-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM200WLS12-A000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIM200WLS12-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
3/8
www.dynexsemi.com
Test Conditions
V
GE = 0V, VCE = VCES
V
GE = 0V, VCE = VCES, Tcase = 125˚C
V
GE = ±20V, VCE = 0V
I
C = 10mA, VGE = VCE
V
GE = 15V, IC = 200A
V
GE = 15V, IC = 200A, , Tcase = 125˚C
DC
t
p = 1ms
I
F = 200A
I
F = 200A, Tcase = 125˚C
V
CE = 25V, VGE = 0V, f = 1MHz
-
-
T
j = 125˚C, VCC = 900V,
I
1
t
p ≤ 10µs, VCE(max) = VCES – L*. di/dt
I
2
IEC 60747-9
Parameter
Collector cut-off current
(IGBT and Diode arm)
Gate leakage current
Gate threshold voltage
Collector-emitter saturation voltage
Diode forward current
Diode maximum forward current
Diode forward voltage
(IGBT and Diode arm)
Input capacitance
Module inductance - per arm
Internal transistor resistance
Short circuit. I
SC
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise.
Symbol
I
CES
I
GES
V
GE(TH)
V
CE(sat)
I
F
I
FM
V
F
C
ies
L
M
R
INT
SC
Data
Units
mA
mA
µA
V
V
V
A
A
V
V
nF
nH
m
A
A
Max.
0.25
6
1
6.5
2.7
3.1
200
400
2.5
2.6
-
-
-
-
-
Typ.
-
-
-
5.5
2.2
2.6
-
-
2.2
2.3
33
20
0.23
1375
1125
Min.
-
-
-
4.5
-
-
-
-
-
-
-
-
-
-
-
Note:
Measured at the power busbars and not the auxiliary terminals)
L* is the circuit inductance + L
M


Similar Part No. - DIM200WLS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WBS12-A000 DYNEX-DIM200WBS12-A000 Datasheet
218Kb / 10P
   Single Switch IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
   Half Bridge IGBT Module
DIM200WHS17-A000 DYNEX-DIM200WHS17-A000 Datasheet
151Kb / 8P
   Half Bridge IGBT Module
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
346Kb / 8P
   IGBT Chopper Module - Upper Arm Control
More results

Similar Description - DIM200WLS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000 Datasheet
167Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM200WKS17-A000 DYNEX-DIM200WKS17-A000 Datasheet
153Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM375WKS06-S000 DYNEX-DIM375WKS06-S000 Datasheet
148Kb / 8P
   IGBT Chopper Module (Upper Arm Control)
DIM200WKS12-A000 DYNEX-DIM200WKS12-A000_09 Datasheet
346Kb / 8P
   IGBT Chopper Module - Upper Arm Control
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000 Datasheet
824Kb / 9P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com