Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7473ARQZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7473ARQZ
Description  dBCool Remote Thermal Monitor and Fan Controller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7473ARQZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7473ARQZ Datasheet HTML 3Page - Analog Devices ADT7473ARQZ Datasheet HTML 4Page - Analog Devices ADT7473ARQZ Datasheet HTML 5Page - Analog Devices ADT7473ARQZ Datasheet HTML 6Page - Analog Devices ADT7473ARQZ Datasheet HTML 7Page - Analog Devices ADT7473ARQZ Datasheet HTML 8Page - Analog Devices ADT7473ARQZ Datasheet HTML 9Page - Analog Devices ADT7473ARQZ Datasheet HTML 10Page - Analog Devices ADT7473ARQZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
ADT7473
Rev. A | Page 7 of 76
PTIONS
PIN CONFIGURATION AND FUNCTION DESCRI
12
11
10
9
D1–
D2+
D2–
TACH4/GPIO/THERM/SMBALERT
16
15
14
13
SDA
PWM1/XTO
VCCP
D1+
5
6
7
8
PWM2/SMBALERT
TACH1
TACH2
PWM3
1
2
3
4
SCL
GND
VCC
TACH3
ADT7473
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCL
Digital Input (Open Drain). SMBus serial clock input. Requires SMBus pull-up.
2
GND
Ground Pin for the ADT7473.
3
VCC
Power Supply. Powered by 3.3 V.
4
TACH3
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 3.
5
PWM2
Digital Output (Open Drain). Requires 10 kΩ typical pull-up. Pulse-width modulate
ontrol Fan 2 speed.
y drive.
d output to c
Can be configured as a high or low frequenc
SMBALERT
Digital Output (Open Drain). Can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
6
TACH1
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 1.
7
TACH2
Digital I put (Open Drain). Fan tachometer input to measure speed of Fan 2.
n
8
PWM3
Digital I/O (Open Drain). Pulse-width modulated output to control the speed of Fan 3 and Fan 4. Requires 10 kΩ
typical pull-up. Can be configured as a high or low frequency drive.
9
TACH4
Digital Input (Open Drain). Fan tachometer input to measure speed of Fan 4.
GPIO
General-Purpose Open Drain Digital I/O.
THERM
Bidirectional THERM pin. Can be used to time and monitor assertions on the THERM input as well as to assert when
an ADT7473 THERM overtemperature limit is exceeded. For example, the pin can be connected to the PROCHOT
output of an Intel Pentium 4 processor or to the output of a trip point temperature sensor. Can be used as an
output to signal overtemperature conditions.
SMBALERT
Digital Output (Open Drain). This pin can be reconfigured as an SMBALERT interrupt output to signal out-of-limit
conditions.
10
D2−
Cathode Connection to Second Thermal Diode.
11
D2+
Anode Connection to Second Thermal Diode.
12
D1−
Cathode Connection to First Thermal Diode.
13
D1+
Anode Connection to First Thermal Diode.
14
oltage (0 V to 3 V).
VCCP
Analog Input. Monitors processor core v
15
PWM1
Digital Output (Open Drain). Pulse-width modulated output to control Fan 1 speed. Requires 10 kΩ typical pull-up.
XTO
Also functions as the output from the XNOR tree in XNOR test mode.
16
SDA
Digital I/O (Open Drain). SMBus bidirectional serial data. Requires 10 kΩ typical pull-up.


Similar Part No. - ADT7473ARQZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473ARQZ ONSEMI-ADT7473ARQZ Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473ARQZ-001 ONSEMI-ADT7473ARQZ-001 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473ARQZ-1R7 ONSEMI-ADT7473ARQZ-1R7 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473ARQZ-1RL ONSEMI-ADT7473ARQZ-1RL Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473ARQZ-1RL ONSEMI-ADT7473ARQZ-1RL Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
More results

Similar Description - ADT7473ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
ADT7490 AD-ADT7490 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com