Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7473 Datasheet(PDF) 24 Page - Analog Devices

Part # ADT7473
Description  dBCool Remote Thermal Monitor and Fan Controller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7473 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADT7473 Datasheet HTML 20Page - Analog Devices ADT7473 Datasheet HTML 21Page - Analog Devices ADT7473 Datasheet HTML 22Page - Analog Devices ADT7473 Datasheet HTML 23Page - Analog Devices ADT7473 Datasheet HTML 24Page - Analog Devices ADT7473 Datasheet HTML 25Page - Analog Devices ADT7473 Datasheet HTML 26Page - Analog Devices ADT7473 Datasheet HTML 27Page - Analog Devices ADT7473 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
ADT7473
Rev. A | Page 24 of 76
If the THERM timer value exceeds the THERM timer limit
value, the F4P bit (Bit 5) of Interrupt Status Register 2 is set and
an SMBALERT is generated. The F4P bit (Bit 5) of Interrupt
Mask Register 2 (0x75) masks out the SMBALERT if this bit is
set to 1; however, the F4P bit of Interrupt Status Register 2 still
is set if the THERM timer limit is exceeded.
Figure 30 is a functional block diagram of the THERM timer,
limit, and associated circuitry. Writing a value of 0x00 to the
THERM timer limit register (0x7A) causes an SMBALERT to be
generated on the first THERM assertion. A THERM timer limit
value of 0x01 generates an SMBALERT once cumulative
THERM assertions exceed 45.52 ms.
Configuring the THERM Behavior
1.
Configure Pin 9 as a THERM timer input.
Setting Bit 1 (THERM timer enable) of Configuration
Register 3 (0x78) enables the THERM timer monitoring
functionality. This is disabled on Pin 9 by default.
Setting Bit 0 and Bit 1 (PIN9FUNC) of Configuration
Register 4 (0x7D) enables THERM timer/out
functionality on Pin 9 (Bit 1 of Configuration
put
Register 3,
THERM, must also be set). Pin 9 can also be used as
TACH4.
Setting Bit 5, Bit 6, and Bit 7 of Configuration Register 5
(0x7C) makes THERM bidirectional. This means that if th
appropriate temperature channel exceeds the
e
THERM
temperature limit, the THERM output asserts. If the
ADT7473 is not pulling THERM low, but THERM is
pulled low by an external device (such as a CPU
overtemperature signal), the THERM timer also times
THERM assertions.
If Bit 5, Bit 6, and Bit 7 of Configuration Register 5 (0x7C)
are set to 0, THERM is set as a timer input only.
2.
Select the desired fan behavior for THERM timer events.
Assuming the fans are running, setting Bit 2 (BOOST) of
Configuration Register 3 (0x78) causes all fans to run at
100% duty cycle whenever THERM is asserted. This allows
fail-safe system cooling. If this bit is 0, the fans run at their
current settings and are not affected by THERM events. If
the fans are not already running when THERM is asserted,
the fans do not run at full speed.
3.
Select whether THERM timer events should generate
SMBALERT interrupts.
Bit 5 (F4P) of Interrupt Mask Register 2 (0x75), when set,
masks out the SMBALERT when the THERM timer limit
value is exceeded. This bit should be cleared if SMBALERT
is based on THERM events are required.
4.
Select a suitable THERM limit value.
This value determines whether an SMBALERT is generated
on the first THERM assertion, or only if a cumulative
THERM assertion time limit is exceeded. A value of 0x00
causes an SMBALERT to be generated on the first THERM
assertion.
5.
Select a THERM monitoring time.
This value specifies how often OS or BIOS level software
checks the THERM timer. For example, BIOS could read
the THERM timer once an hour to determine the cumula-
tive THERM assertion time.
If, for example, the total THERM assertion time is
<22.76 ms in Hour 1, >182.08 ms in Hour 2, and >5.825
sec in Hour 3, this can indicate that system performance is
degrading significantly because THERM is asserting more
frequently on an hourly basis.
Alternatively, OS- or BIOS-level software can timestamp
when the system is powered on. If an SMBALERT is
generated due to the THERM timer limit being exceeded,
another timestamp can be taken. The difference in time
can be calculated for a fixed THERM timer limit time. For
example, if it takes one week for a THERM timer limit of
2.914 seconds to be exceeded and the next time it takes
only one hour, this is an indication of a serious degradation
in system performance.


Similar Part No. - ADT7473

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473ARQZ ONSEMI-ADT7473ARQZ Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473ARQZ-001 ONSEMI-ADT7473ARQZ-001 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
More results

Similar Description - ADT7473

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
ADT7490 AD-ADT7490 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com