Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7473 Datasheet(PDF) 66 Page - Analog Devices

Part # ADT7473
Description  dBCool Remote Thermal Monitor and Fan Controller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7473 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADT7473 Datasheet HTML 62Page - Analog Devices ADT7473 Datasheet HTML 63Page - Analog Devices ADT7473 Datasheet HTML 64Page - Analog Devices ADT7473 Datasheet HTML 65Page - Analog Devices ADT7473 Datasheet HTML 66Page - Analog Devices ADT7473 Datasheet HTML 67Page - Analog Devices ADT7473 Datasheet HTML 68Page - Analog Devices ADT7473 Datasheet HTML 69Page - Analog Devices ADT7473 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
ADT7473
Rev. A | Page 66 of 76
s (Power-On Default = 0x82)
a
Description
Table 34. Register 0x5C, Register 0x5D, and Register 0x5E—Configuration Register
Bit
N me
R/W
[2:0]
SP
timeout period, then the TACH
sure
terrupt Status Register 2 reflects the fan fault. If the TACH
minimum high and low bytes contain 0xFFFF or 0x0000, then the Interrupt Status Register
2 bit is not set, ev
ted.
IN
R/W
These bits control the start-up timeout for PWMx. The PWM output stays high until two
valid TACH rising edges are seen from the fan. If there is not a valid TACH signal during the
fan TACH measurement directly after the fan start-up
mea
ment reads 0xFFFF and In
en if the fan has not star
000 = No
imeout.
start-up t
001 = 100 ms.
010 = 250 ms (default).
011 = 400 ms.
100 = 667 ms.
101 = 1 sec.
110 = 2 sec.
111 = 4 sec.
[3]
SLOW
R/W
SLOW = 1 makes the ramp rates for acoustic enhancement four times longer.
[4]
INV
sponds to a logic high output
he PWM output, so 100% duty cycle
R/W
This bit inverts the PWM output. The default is 0, which corre
for 100% duty cycle. Setting this bit to 1 inverts t
corresponds to a logic low output.
[7:5]
BHVR
R/W
These bits assign each fan to a particular temperature sensor for localized cooling.
e controls PWMx (automatic fan control mode).
000 = Remote 1 temperatur
x (automatic fan control mode).
001 = Local temperature controls PWM
010 = Remote 2 temperature controls PWMx (automatic fan control mode).
011 = PWMx runs full speed.
fault).
100 = PWMx disabled (de
nd Remote 2 temperature controls PWMx.
101 = Fastest speed calculated by local a
110 = Fastest speed calculated by all three temperature channel controls PWMx.
111 = Manual mode. PWM duty cycle registers (Register 0x30 to Register 0x32) become
writable.
P TRANGE/PWM Frequency Registers
egister Address
R/W1
Description
Power-On Default
Table 35. TEM
R
0x5F
R/W
Remote 1 TRANGE/PWM1 frequency.
0xCC
0x60
R/W
Local temperature TRANGE/PWM2 frequency.
0xCC
0x61
R/W
Remote 2 TRANGE/PWM3 frequency.
0xCC
1 These registers become read-only when the Configuration Register 1 lock bit is set. Any further attempts to write to these registers have no effect.


Similar Part No. - ADT7473

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473ARQZ ONSEMI-ADT7473ARQZ Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473ARQZ-001 ONSEMI-ADT7473ARQZ-001 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
More results

Similar Description - ADT7473

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
ADT7490 AD-ADT7490 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com