Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7473 Datasheet(PDF) 62 Page - Analog Devices

Part # ADT7473
Description  dBCool Remote Thermal Monitor and Fan Controller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7473 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADT7473 Datasheet HTML 58Page - Analog Devices ADT7473 Datasheet HTML 59Page - Analog Devices ADT7473 Datasheet HTML 60Page - Analog Devices ADT7473 Datasheet HTML 61Page - Analog Devices ADT7473 Datasheet HTML 62Page - Analog Devices ADT7473 Datasheet HTML 63Page - Analog Devices ADT7473 Datasheet HTML 64Page - Analog Devices ADT7473 Datasheet HTML 65Page - Analog Devices ADT7473 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
ADT7473
Rev. A | Page 62 of 76
0x00)1
N
R/W
Descrip
Table 23. Register 0x36—Dynamic TMIN Control Register 1 (Power-On Default =
Bit
ame
tion
[0]
C
R
MSB of
(Reg. 0x
he control loop,
in terms
to
YR2
/W
3-bit remote 2 cycle value. The other two bits of the code reside in Dynamic TMIN Control Register 2
37). These three bits define the delay time between making subsequent TMIN adjustments in t
of the number of monitoring cycles. The system has associated thermal time constants that need to be
found
optimize the response of fans and the control loop.
[1]
VCCPLO
R/W
VCCPLO =
mit
value (R
s
• SMBAL
1. When the power is supplied from 3.3 V STANDBY and the core voltage (VCCP) drops below its VCCP low li
egister 0x46), the following occurs:
• Statu Bit 1 in Interrupt Status Register 1 is set.
ERT is generated, if enabled.
• PROCHOT monitoring is disabled.
ic T
control is disabled.
• Dynam
• The de
• Everyt
CCP
MIN
vice is prevented from entering shutdown.
hing is re-enabled once VCCP increases above the V
low limit.
[2]
P
R
PHTR1 =
HTR1
/W
1 copies the Remote 1 current temperature to the Remote 1 operating point register if THERM is asserted.
rating point contains the temperature at which THERM
The ope
is asserted, allowing the system to run as quietly as
possible
PHTR1 =
without affecting system performance.
0 ignores any THERM assertions on the THERM pin. The Remote 1 operating point register reflects its
programmed value.
[3]
PHTL
R/W
PHTL = 1 copies the local channel’s current temperature to the local operating point register if THERM is asserted. The
operating point contains the temperature at which THERM is ass
possible
ecting system performance.
erted. This allows the system to run as quietly as
without aff
PHTL = 0 ignores any THERM assertions on the THERM pin. The local temperature operating point register reflec
mmed value.
ts its
gra
pro
[4]
PHTR2
R2
R/W
PHT
= 1 copies the Remote 2 current temperature to the Remote 2 operating point register if THERM is asserted.
erating point contains the temperature at which
The op
THERM is asserted, allowing the system to run as quietly as
poss
PH
ible
TR2
without affecting system performance.
= 0 ignores any THERM assertions on the THERM pin. The Remote 2 operating point register reflects its
programmed value.
[5]
R1T
R/W
R1T =
MIN
=
in
an Speed C
1 enables dynamic TMIN control on the Remote 1 temperature channel. The chosen T
value is dynamically
adjusted based on the cur
R1T
rent temperature, operating point, and high and low limits for this zone.
0 disables dynamic TMIN control. The TMIN value chosen is not adjusted, and the channel behaves as described
the F
ontrol section.
[6]
LT
R/W
LT=1 e
based
LT = 0
ibed in
the Fan Speed Control section.
nables dynamic TMIN control on the local temperature channel. The chosen TMIN value is dynamically adjusted
on the current temperature, operating point, and high and low limits for this zone.
disables dynamic TMIN control. The TMIN value chosen is not adjusted, and the channel behaves as descr
[7]
R2T
R/W
R2T = 1 enables dynamic TMIN control on the Remote 2 temperat
adjusted based on the current temperature, operating point, an
ure channel. The chosen TMIN value is dynamically
d high and low limits for this zone.
an
R2T = 0 d
the F
isables dynamic TMIN control. The TMIN value chosen is not adjusted and the channel behaves as described in
Speed Control section.
s re
co
w
1 Thi
gister be
mes read-only
hen the Configuration Register 1 lock bit is set to 1. Any subsequent attempts to write to this register fail.


Similar Part No. - ADT7473

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473 Datasheet
627Kb / 73P
   Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473ARQZ ONSEMI-ADT7473ARQZ Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473ARQZ-001 ONSEMI-ADT7473ARQZ-001 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
More results

Similar Description - ADT7473

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
   dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
ADT7490 AD-ADT7490 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com