Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7408 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7408
Description  -2 C Accurate, 12-Bit Digital Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7408 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7408 Datasheet HTML 16Page - Analog Devices ADT7408 Datasheet HTML 17Page - Analog Devices ADT7408 Datasheet HTML 18Page - Analog Devices ADT7408 Datasheet HTML 19Page - Analog Devices ADT7408 Datasheet HTML 20Page - Analog Devices ADT7408 Datasheet HTML 21Page - Analog Devices ADT7408 Datasheet HTML 22Page - Analog Devices ADT7408 Datasheet HTML 23Page - Analog Devices ADT7408 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADT7408
Rev. 0 | Page 21 of 24
APPLICATION INFORMATION
THERMAL RESPONSE TIME
The time required for a temperature sensor to settle to a specified
accuracy is a function of the thermal mass of the sensor and the
thermal conductivity between the sensor and the object being
sensed. Thermal mass is often considered equivalent to capaci-
tance. Thermal conductivity is commonly specified using the
symbol Q and can be thought of as thermal resistance. It is
commonly specified in units of degrees per watt of power
transferred across the thermal joint. Thus, the time required for
the ADT7408 to settle to the desired accuracy is dependent on
the package selected, the thermal contact established in that
particular application, and the equivalent power of the heat source.
In most applications, the settling time is best determined
empirically.
SELF-HEATING EFFECTS
The temperature measurement accuracy of the ADT7408 might
be degraded in some applications due to self-heating. Errors can
be introduced from the quiescent dissipation and power dissipated
when converting. The magnitude of these temperature errors is
dependent on the thermal conductivity of the ADT7408 package,
the mounting technique, and the effects of airflow. At 25°C,
static dissipation in the ADT7408 is typically 778 μW operating
at 3.3 V. In the 8-lead LFCSP_VD package mounted in free air,
this accounts for a temperature increase due to self-heating of
ΔT = PDISS × θJA = 778 μW × 85°C/W = 0.066°C
Current dissipated through the device should be kept to a
minimum by applying shutdown when the device can be put in
the idle state, because it has a proportional effect on the
temperature error.
SUPPLY DECOUPLING
The ADT7408 should be decoupled with a 0.1 μF ceramic
capacitor between VDD and GND. This is particularly important
when the ADT7408 is mounted remotely from the power supply.
Precision analog products, such as the ADT7408, require a well-
filtered power source. Because the ADT7408 operates from a
single supply, it might seem convenient to tap into the digital
logic power supply.
Unfortunately, the logic supply is often a switch-mode design,
which generates noise in the 20 kHz to 1 MHz range. In addition,
fast logic gates can generate glitches hundreds of mV in
amplitude due to wiring resistance and inductance.
If possible, the ADT7408 should be powered directly from the
system power supply. This arrangement, shown in Figure 18,
isolates the analog section from the logic switching transients.
Even if a separate power supply trace is not available, however,
generous supply bypassing reduces supply-line-induced errors.
Local supply bypassing consisting of a 0.1 μF ceramic capacitor
is critical for the temperature accuracy specifications to be
achieved. This decoupling capacitor must be placed as close as
possible to the ADT7408 VDD pin.
TTL/CMOS
LOGIC
CIRCUITS
POWER
SUPPLY
ADT7408
0.1µF
Figure 18. Using Separate Traces to Reduce Power Supply Noise
TEMPERATURE MONITORING
The ADT7408 is ideal for monitoring the thermal environment
within electronic equipment. For example, the surface-mounted
package accurately reflects the exact thermal conditions that
affect nearby integrated circuits.
The ADT7408 measures and converts the temperature at the
surface of its own semiconductor chip. When the ADT7408 is
used to measure the temperature of a nearby heat source, the
thermal impedance between the heat source and the ADT7408
must be considered. Often, a thermocouple or other temperature
sensor is used to measure the temperature of the source, while
the temperature is monitored by reading back from the ADT7408
temperature value register.
Once the thermal impedance is determined, the heat source
temperature can be inferred from the ADT7408 output. As
much as 60% of the heat transferred from the heat source to the
thermal sensor on the ADT7408 die is discharged via the copper
tracks, the package pins, and the bond pads. Of the pins on the
ADT7408, the GND pin (VSS pin) transfers most of the heat.
Therefore, when the temperature of a heat source is being
measured, thermal resistance between the ADT7408 VSS pin
and the heat source should be reduced as much as possible.
An example of the ADT7408’s unique properties is shown in
monitoring a high power dissipation DIMM module. Ideally,
the ADT7408 device should be mounted in the middle between
the two memory chips’ major heat sources (see Figure 19). The
ADT7408 produces a linear temperature output, while needing
only two I/O pins and requiring no external characterization.
LEFT
BOTTOM
MIDDLE
RIGHT
SO-DIMM THERMAL SENSOR LOCATIONS
TOP
Figure 19. Locations of ADT7408 on DIMM Module


Similar Part No. - ADT7408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
ADT7408CCPZ-REEL7 AD-ADT7408CCPZ-REEL7 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
More results

Similar Description - ADT7408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Analog Devices
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
ADT75 AD-ADT75_17 Datasheet
392Kb / 25P
   12-Bit Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com