Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF539 Datasheet(PDF) 27 Page - Analog Devices

Part # ADSP-BF539
Description  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF539 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADSP-BF539 Datasheet HTML 23Page - Analog Devices ADSP-BF539 Datasheet HTML 24Page - Analog Devices ADSP-BF539 Datasheet HTML 25Page - Analog Devices ADSP-BF539 Datasheet HTML 26Page - Analog Devices ADSP-BF539 Datasheet HTML 27Page - Analog Devices ADSP-BF539 Datasheet HTML 28Page - Analog Devices ADSP-BF539 Datasheet HTML 29Page - Analog Devices ADSP-BF539 Datasheet HTML 30Page - Analog Devices ADSP-BF539 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
ADSP-BF539/ADSP-BF539F
Preliminary Technical Data
Rev. PrF
|
Page 27 of 68
|
September 2006
SPECIFICATIONS
Component specifications are subject to change
without notice.
OPERATING CONDITIONS
Parameter
Conditions
Min
Nominal Max
Unit
VDDINT
Internal Supply Voltage
1, 2
1 Parameter value applies also to MPIVDD.
2 The regulator can generate V
DDINT a levels of 1.0 V to 1.2 V with –5% to +10% tolerance.
0.95
1.20
1.32
V
VDDEXT
External Supply Voltage
3
3 Parameter value applies also to MXEVDD.
2.7
3.3
3.6
V
VDDRTC
Real Time Clock Power Supply
Voltage
2.7
3.6
V
VIH
High Level Input Voltage
4
4 The 3.3 V tolerant pins are capable of accepting up to 3.6 V maximum VIH The following bi-directional pins are 3.3 V tolerant: DATA15–0, MISO0, MOSI0, PF15–0, PPI3–0,
MTXON, MMCLK, MBCLK, MFS, MTX, SCK1, MISO1, MOSI1, SPI1SS, SPI1SEL, SCK2, MISO2, MOSI2, SPI2SS, SPI2SEL, RX1, TX1, RX2, TX2, DT2PRI, DT2SEC,
TSCLK2, DR2PRI, DT2SEC, RSCLK2, RFS2, TFS2, DT3PRI, DT3SEC, DR3PRI, DR3SEC, RSCLK3, RFS3, TFS3, RFS0, RFS1, RSCLK0, RSCLK1, TSCLK0, TSCLK1, SCK0,
TFS0, TFS1, and TMR2–0. The following input-only pins are 3.3 V tolerant: RESET, RX0, TCK, TDI, TMS, TRST, ARDY, BMODE1–0, BR, DR0PRI, DR0SEC, DR1PRI,
DR1SEC, NMI, PPI_CLK, RTXI, and GP.
@ VDDEXT=maximum
2.0
3.6
V
VIH5V
High Level Input Voltage5
5 The 5.V tolerant pins are capable of accepting up to 5.5 V maximum VIH. The following bi-directional pins are 5 V tolerant: SCL0, SCL1, SDA0, SDA1, and CANTX. The
following input-only pins are 5 V tolerant: CANRX, MRX, MRXON.
@ VDDEXT=maximum
2.0
5.5
V
VIHCLKIN High Level Input Voltage
6
6 Parameter value applies to the CLKIN and MXI input pins.
@ VDDEXT=maximum
2.2
3.6
V
VIL
Low Level Input Voltage
4, 7
7 Parameter value applies to all input and bi-directional pins.
@ VDDEXT=minimum
–0.3
0.6
V
VIL5V
Low Level Input Voltage5
@ VDDEXT=minimum
–0.3
0.8
V
TJ
Junction Temperature
316-Ball Chip Scale Ball Grid Array (Mini-BGA) 500 MHz
@ T
AMBIENT = –40°C to + 85°C
–40
+105
°C
TJ
Junction Temperature
316-Ball Chip Scale Ball Grid Array (Mini-BGA) 400 MHz
@ T
AMBIENT =–40°C to +105°C
–40
+125
°C


Similar Part No. - ADSP-BF539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539BBCZ-5A AD-ADSP-BF539BBCZ-5A Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539BBCZ-5F4 AD-ADSP-BF539BBCZ-5F4 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539BBCZ-5F8 AD-ADSP-BF539BBCZ-5F8 Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
ADSP-BF539F AD-ADSP-BF539F Datasheet
2Mb / 60P
   Blackfin Embedded Processor
REV. A
More results

Similar Description - ADSP-BF539

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com