Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3120A Datasheet(PDF) 3 Page - Analog Devices

Part No. ADP3120A
Description  Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP3120A Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP3120A
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VCC = 12 V, BST = 4 V to 26 V, TA = 0°C to 85°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DIGITAL INPUTS (PWM, OD)
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
−1
+1
μA
Hysteresis
90
250
mV
HIGH-SIDE DRIVER
Output Resistance, Sourcing Current
BST − SW = 12 V ; TA = 25°C
3.3
Ω
BST − SW = 12 V ; TA = 0°C to 85°C
2.5
3.9
Ω
Output Resistance, Sinking Current
BST – SW = 12 V; TA = 25°C
1.8
Ω
BST − SW = 12 V; TA = 0°C to 85°C
1.4
2.6
Ω
Output Resistance, Unbiased
BST – SW = 0 V
10
Transition Times
trDRVH
BST – SW = 12 V, CLOAD = 3 nF, see Figure 5
25
40
ns
tfDRVH
BST – SW = 12 V, CLOAD = 3 nF, see Figure 5
20
30
ns
Propagation Delay Times
tpdhDRVH
BST – SW = 12 V, CLOAD = 3 nF,
32
45
70
ns
25°C ≤ TA ≤ 85°C, see Figure 5
tpdlDRVH
BST – SW = 12 V, CLOAD = 3 nF, see Figure 5
25
35
ns
OD
pdl
t
See Figure 4
20
35
ns
OD
pdh
t
See Figure 4
40
55
ns
SW Pull-Down Resistance
SW to PGND
10
LOW-SIDE DRIVER
Output Resistance, Sourcing Current
TA = 25°C
3.3
Ω
TA = 0°C to 85°C
2.4
3.9
Ω
Output Resistance, Sinking Current
TA = 25°C
1.8
Ω
TA = 0°C to 85°C
1.4
2.6
Ω
Output Resistance, Unbiased
VCC = PGND
10
Transition Times
trDRVL
CLOAD = 3 nF, see Figure 5
20
35
ns
tfDRVL
CLOAD = 3 nF, see Figure 5
16
30
ns
Propagation Delay Times
tpdhDRVL
CLOAD = 3 nF, see Figure 5
12
35
ns
tpdlDRVL
CLOAD = 3 nF, see Figure 5
30
45
ns
OD
pdl
t
See Figure 4
20
35
ns
OD
pdh
t
See Figure 4
110
190
ns
Timeout Delay
SW = 5 V
110
190
ns
SW = PGND
95
150
ns
SUPPLY
Supply Voltage Range
VCC
4.15
13.2
V
Supply Current
ISYS
BST = 12 V, IN = 0 V
2
5
mA
UVLO Voltage
VCC rising
1.5
3.0
V
Hysteresis
350
mV
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn