Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3325 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX3325
Description  3V Dual RS-232 Transceiver with LCD Supply and Contrast Controller
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3325 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX3325 integrates a two-transmitter, two-receiver
RS-232 transceiver with an LCD supply plus tempera-
ture-compensated contrast control. It is intended for
small 3V instruments requiring a 5V supply for either
logic or an LCD display, an adjustable bias signal for
contrast, LCD temperature compensation, and an
RS-232 interface for serial communications.
The 5V supply is a regulated charge pump followed by
a low-dropout (LDO) linear regulator capable of supply-
ing 11mA for the 5V LCD power.
The MAX3325 has an internal 6-bit digital-to-analog
converter (DAC) providing 64 contrast levels, plus an
internal temperature sensor that compensates the
LCD’s contrast for changes in ambient temperature.
The LCD contrast can be designed for any voltage
range from -5V to +2V.
The MAX3325’s 250kbps RS-232 transceiver meets all
EIA-232E specifications with input voltages from +3.0V
to +3.6V. Both the RS-232 section and the LCD supply
circuitry can be independently placed in shutdown, tai-
loring power consumption for battery-powered equip-
ment. The MAX3325 is available in 28-pin SSOP and
narrow DIP packages.
Applications
PDAs and Palmtop Computers
Handy Terminals
GPS Receivers
Hand-Held Medical Equipment
Industrial Test Equipment
Features
o +3.0V to +3.6V Single-Supply Operation
o Provides 5.0V Regulated Output at 11mA in
3V Systems
o 6-Bit DAC with Up/Down Interface for LCD
Contrast Adjustment
o Selectable Positive or Negative LCD Bias
o Meets EIA-232E Specifications at 250kbps—
Guaranteed
o 1µA Shutdown Mode
o Uses Small 0.22µF Capacitors—No Inductors
Required
o Temperature Sensor for LCD Contrast
Compensation
o Simple, Flexible Design Procedure for a Broad
Range of LCD Displays
3V Dual RS-232 Transceiver with
LCD Supply and Contrast Controller
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C1+
V+
VDD
GND
C1-
REG
UP
T1OUT
T2OUT
T1IN
T2IN
SD232
SDLCD
DOWN
DAC
REF+
FB
REF-
TEMP
LCD
VL
R2OUT
R1OUT
R1IN
R2IN
V-
C2-
C2+
SSOP/DIP
TOP VIEW
MAX3325
19-1573; Rev 0; 10/99
Typical Operating Circuit appears at end of data sheet.
Pin Configuration
Ordering Information
PART
MAX3325CAI
MAX3325CNI
MAX3325EAI
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 SSOP
28 Narrow Plastic DIP
28 SSOP
MAX3325ENI
-40°C to +85°C
28 Narrow Plastic DIP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn