Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY87S Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LWY87S
Description  Micro SIDELED White Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY87S Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LWY87S Datasheet HTML 2Page - OSRAM GmbH LWY87S Datasheet HTML 3Page - OSRAM GmbH LWY87S Datasheet HTML 4Page - OSRAM GmbH LWY87S Datasheet HTML 5Page - OSRAM GmbH LWY87S Datasheet HTML 6Page - OSRAM GmbH LWY87S Datasheet HTML 7Page - OSRAM GmbH LWY87S Datasheet HTML 8Page - OSRAM GmbH LWY87S Datasheet HTML 9Page - OSRAM GmbH LWY87S Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2001-02-14
6
LW Y87S
2) Spannungswerte werden mit einer Stromeinprägedauer von 1 ms und einer Genauigkeit von ±0.1 V ermittelt.
Voltages are tested at a current pulse duration of 1 ms and an accuracy of ±0.1 V.
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von
± 11% ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of
± 11%.
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: N-4
Example: N-4
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
N
P
Q
28.0 … 45.0
45.0 … 71.0
71.0 …112.0
100.0 (typ.)
170.0 (typ.)
270.0 (typ.)
Lichtgruppe
Luminous Intensity Group
Farbortgruppe
Chromaticity Coordinate Group
N4


Similar Part No. - LWY87S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY87C OSRAM-LWY87C Datasheet
159Kb / 15P
   Micro SIDELEDR Enhanced optical Power LED (ATONR)
LWY87C-S1T1-2C5D OSRAM-LWY87C-S1T1-2C5D Datasheet
159Kb / 15P
   Micro SIDELEDR Enhanced optical Power LED (ATONR)
LWY87C-S1T1-3C5D OSRAM-LWY87C-S1T1-3C5D Datasheet
159Kb / 15P
   Micro SIDELEDR Enhanced optical Power LED (ATONR)
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   white SMT package
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
More results

Similar Description - LWY87S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
logo
Siemens Semiconductor G...
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LBC876 OSRAM-LBC876 Datasheet
134Kb / 13P
   BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
logo
Siemens Semiconductor G...
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
LWV18G OSRAM-LWV18G Datasheet
604Kb / 16P
   FIREFLY White Hyper-Bright LED
LYM676 OSRAM-LYM676 Datasheet
185Kb / 13P
   Hyper SIDELED
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com