Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSM1D1 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # DSM1D1
Description  GENERAL-USE RECTIFIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

DSM1D1 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  DSM1D1 Datasheet HTML 1Page - Hitachi Semiconductor DSM1D1 Datasheet HTML 2Page - Hitachi Semiconductor DSM1D1 Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PDE-DSM1D-0
GENERAL-USE RECTIFIER DIODE
DSM1D
FEATURES
OUTLINE DRAWING
• For general purpose.
• Diffused-junction. Resin encapsulated.
ABSOLUTE MAXIMUM RATINGS
Items
Type
DSM1D1 DSM1D2 DSM1D4 DSM1D6 DSM1D8
Repetitive Peak Reverse Voltage
V
RRM
V
100
200
400
600
800
Average Forward Current
I
F(AV)
A
1.0
(
Single-phase half sine wave 180
° conduction
TL = 70°C, Lead length = 6mm
)
45
30
Surge(Non-Repetitive) Forward Current
I
FSM
A
( Without PIV, 10ms conduction, Tj = 40
°C start )
8.1
3.6
I2t Limit Value
I2tA2s
( Time = 2 ~ 10ms, I = RMS value )
Operating Junction Temperature
T
j
°C
-40 ~ +150
Storage Temperature
T
stg
°C
-40 ~ +150
Notes
(1) Lead mounting : Lead temperature 280
°C max. to 3.2mm from body for 5sec. max..
(2) Mechanical strength : Bending 90
°×2 cycles or 180°×1 cycle, Tensile 2kg, Twist 90°×1 cycle.
CHARACTERISTICS(T
L=25°C)
Items
Symbols
Units
Min.
Typ.
Max.
Test Conditions
20
DSM1D1,2
Peak Reverse Current
I
RRM
µA
--
10
DSM1D4,6,8
Rated V
RRM
Peak Forward Voltage
V
FM
V
--
1.1
I
FM=1.0Ap, Single-phase half sine
wave 1 cycle
R
th(j-a)
100
Steady State Thermal Impedance
R
th(j-l)
°C/W
--
70
Lead length = 6 mm
Unit in mm(inch)
Weight: 0.23 (g)
1D1
Direction of polarity
(0.024)
0.6
φ
DSM1D1
Yellow
DSM1D2
White
DSM1D4
Blue
DSM1D6
Red
DSM1D8
Green
Type
Color of
cathode band


Similar Part No. - DSM1D1

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DSM1-0310 PAIRUI-DSM1-0310 Datasheet
535Kb / 4P
   DC-DC Converter
DSM1-0311 PAIRUI-DSM1-0311 Datasheet
535Kb / 4P
   DC-DC Converter
DSM1-0312 PAIRUI-DSM1-0312 Datasheet
535Kb / 4P
   DC-DC Converter
DSM1-0313 PAIRUI-DSM1-0313 Datasheet
535Kb / 4P
   DC-DC Converter
DSM1-0314 PAIRUI-DSM1-0314 Datasheet
535Kb / 4P
   DC-DC Converter
More results

Similar Description - DSM1D1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
DSA3A HITACHI-DSA3A Datasheet
52Kb / 3P
   GENERAL-USE RECTIFIER DIODE
logo
Fuji Electric
ERC13 FUJI-ERC13 Datasheet
41Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERC04 FUJI-ERC04 Datasheet
41Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERD03 FUJI-ERD03 Datasheet
40Kb / 3P
   GENERAL USE RECTIFIER DIODE
ERA17 FUJI-ERA17 Datasheet
38Kb / 2P
   GENERAL USE RECTIFIER DIODE
logo
Hitachi Semiconductor
DSM3MA HITACHI-DSM3MA Datasheet
42Kb / 3P
   GENERAL-USE RECTIFIER DIODE
logo
Fuji Electric
ERB12 FUJI-ERB12 Datasheet
63Kb / 4P
   GENERAL USE RECTIFIER DIODE
ERC12 FUJI-ERC12 Datasheet
9Kb / 1P
   GENERAL USE RECTIFIER DIODE
ERC01F FUJI-ERC01F Datasheet
40Kb / 3P
   GENERAL USE RECTIFIER DIODE
logo
List of Unclassifed Man...
ERG51 ETC1-ERG51 Datasheet
174Kb / 3P
   GENERAL-USE RECTIFIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com