Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADN2880 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADN2880
Description  3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADN2880 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADN2880
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
100G
10M
100M
1G
10G
70
60
65
55
50
45
40
35
30
25
Q OUTPUT
QB OUTPUT
Figure 3. Single-Ended Transimpedance vs. Frequency
TEMPERATURE (°C)
100
–40
–200
20
406080
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.0V
3.3V
3.6V
Figure 4. Differential Transimpedance vs. VCC and Temperature
IINPP (μA)
100
0
102030
5060
40
70
80
90
5.5
5.0
4.5
4.0
3.5
2.5
3.0
2.0
Figure 5. Differential Transimpedance vs. Input Current
TEMPERATURE (°C)
100
–40
0
40
80
–20
20
60
3.2
3.0
2.8
2.6
2.4
2.2
2.0
3.0V
3.3V
3.6V
Figure 6. Bandwidth vs. VCC and Temperature
TEMPERATURE (°C)
100
–40
0
40
80
–20
20
60
90
85
80
75
70
65
60
55
50
3.0V
3.3V
3.6V
Figure 7. Power Dissipation vs. VCC and Temperature
FREQUENCY (Hz)
4G
10M
100M
1G
–20
–25
–30
–40
–35
–45
–50
Figure 8. SDD22 vs. Frequency up to 3.5 GHz, CAP = Open


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn