Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB2969A Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NB2969A
Description  Low Power, Reduced EMI Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2969A Datasheet(HTML) 2 Page - ON Semiconductor

  NB2969A Datasheet HTML 1Page - ON Semiconductor NB2969A Datasheet HTML 2Page - ON Semiconductor NB2969A Datasheet HTML 3Page - ON Semiconductor NB2969A Datasheet HTML 4Page - ON Semiconductor NB2969A Datasheet HTML 5Page - ON Semiconductor NB2969A Datasheet HTML 6Page - ON Semiconductor NB2969A Datasheet HTML 7Page - ON Semiconductor NB2969A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NB2969A
http://onsemi.com
2
Figure 1. Block Diagram
ModOUT
DIV / 2
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
Phase
Detector
Loop
Filter
XIN/CLKIN
XOUT
REFOUT/2
Modulation
VDD
VCO
Output
Divider
PLL
VSS
Table 1. KEY SPECIFICATIONS
Description
Specification
Supply Voltages
VDD = 3.3 V / 2.5 V
Frequency Range
For 2.5 V Supply
For 3.3 V Supply
6.0 MHz < CLKIN < 12 MHz
6.0 MHz < CLKIN < 13 MHz
Cycle−to−Cycle Jitter
200 ps (maximum)
Output Duty Cycle
45/55% (worst case)
Modulation Rate Equation
FIN/256
Frequency Deviation
"1% @ 10 MHz
Figure 2. Pin Configuration
VDD
1
2
3
6
5
4
REFOUT/2
XOUT
XIN/CLKIN
ModOUT
NB2969A
VSS
Table 2. PIN DESCRIPTION
Pin #
Pin Name
Type
Description
1
REFOUT/2
O
Buffered and divided by 2 output of the input frequency.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It can be
connected either to an external crystal or an external reference clock.
4
VDD
P
Power supply for the entire chip.
5
ModOUT
O
Spread spectrum clock output.
6
VSS
P
Ground connection.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NB2579A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
NB2669A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
NB2760A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
NB2779A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
NB2780A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
NB2869A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
NB2870A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
NB2872A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
NB2879A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn