Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB2304AI1DG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB2304AI1DG
Description  3.3 V Zero Delay Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2304AI1DG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB2304AI1DG Datasheet HTML 2Page - ON Semiconductor NB2304AI1DG Datasheet HTML 3Page - ON Semiconductor NB2304AI1DG Datasheet HTML 4Page - ON Semiconductor NB2304AI1DG Datasheet HTML 5Page - ON Semiconductor NB2304AI1DG Datasheet HTML 6Page - ON Semiconductor NB2304AI1DG Datasheet HTML 7Page - ON Semiconductor NB2304AI1DG Datasheet HTML 8Page - ON Semiconductor NB2304AI1DG Datasheet HTML 9Page - ON Semiconductor NB2304AI1DG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NB2304A
http://onsemi.com
7
Zero Delay and Skew Control
For applications requiring zero input−output delay, all
outputs must be equally loaded.
Figure 3. REF Input to CLKA/CLKB Delay vs.
Difference in Loading between FBK Pin and
CLKA/CLKB Pins
1500
1000
500
0
−500
−1000
−1500
−30 −25 −20 −15 −10 −5
0
5
10
1520
2530
OUTPUT LOAD DIFFERENCE: FBK LOAD − CLKA/CLKB LOAD (pF)
To close the feedback loop of the NB2304A, the FBK pin
can be driven from any of the four available output pins. The
output driving the FBK pin will be driving a total load of
7 pF plus any additional load that it drives. The relative
loading of this output (with respect to the remaining outputs)
can adjust the input output delay. This is shown in Figure 3.
For applications requiring zero input−output delay, all
outputs including the one providing feedback should be
equally loaded. If input−output delay adjustments are
required, use Figure 3 to calculate loading differences
between the feedback output and remaining outputs. For
zero output−output skew, be sure to load outputs equally.
SWITCHING WAVEFORMS
Figure 4. Duty Cycle Timing
1.4 V
1.4 V
1.4 V
t1
t2
Figure 5. All Outputs Rise/Fall Time
t3
OUTPUT
2.0 V
0.8 V
t4
2.0 V
0.8 V
3.3 V
0 V
1.4 V
1.4 V
t5
Figure 6. Output − Output Skew
OUTPUT
OUTPUT
t6
INPUT
OUTPUT
Figure 7. Input − Output Propagation Delay
VDD
2
VDD
2
Figure 8. Device − Device Skew
t7
FBK_Device 1
VDD
2
VDD
2
FBK_Device 2


Similar Part No. - NB2304AI1DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2304AI1DG ONSEMI-NB2304AI1DG Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
More results

Similar Description - NB2304AI1DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com